Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1429LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1429LB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1429LB Datasheet HTML 1Page - Renesas Technology Corp F1429LB Datasheet HTML 2Page - Renesas Technology Corp F1429LB Datasheet HTML 3Page - Renesas Technology Corp F1429LB Datasheet HTML 4Page - Renesas Technology Corp F1429LB Datasheet HTML 5Page - Renesas Technology Corp F1429LB Datasheet HTML 6Page - Renesas Technology Corp F1429LB Datasheet HTML 7Page - Renesas Technology Corp F1429LB Datasheet HTML 8Page - Renesas Technology Corp F1429LB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2020 Renesas Electronics Corporation
4
January 31, 2021
F1429MB Datasheet
Pin Assignments
Figure 2. Pin Assignments for 2 × 2 × 0.75 mm 12-pin DFN Package – Top View
RF_OUT
NC
EP
9
8
7
2
3
4
NC
NC
10
1
NC
RF_IN+
RF_IN-
NC
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1, 4, 5, 7, 8, 10,
12
NC
No internal connection. It is highly recommended that these pins be connected to a ground via that is
located as close to each pin as possible.
2
RF_IN+
Differential RF input +. Internally tied to ground. Recommendation: Use an external DC block to prevent
shorting of any DC voltage that may be present on the preceding RF stage.
3
RF_IN-
Differential RF input -. Internally tied to ground. Recommendation: Use an external DC block to prevent
shorting of any DC voltage that may be present on the preceding RF stage.
6
STBY
Standby. If this pin is not connected or is logic LOW, the F1429MB will operate under its normal operating
condition. Apply a logic HIGH for STBY.
9
RF_OUT
Single-ended RF output. An external DC block is required.
11
VCC
Connect to the supply voltage via a choke. An external bypass capacitor must be placed as close to the pin
as possible.
– EPAD
Exposed paddle. Internally connected to ground. Solder this exposed paddle to a printed circuit board (PCB)
pad that uses multiple ground vias to provide heat transfer out of the F1429MB into the PCB ground planes.
These multiple ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com