Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1129MBEVB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1129MBEVB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MBEVB Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1129MBEVB Datasheet HTML 1Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 2Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 3Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 4Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 5Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 6Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 7Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 8Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
3
January 31, 2021
Figure 18. Output P1dB......................................................................................................................................................................................14
Figure 19. Noise Figure......................................................................................................................................................................................15
Figure 20. Amplitude Imbalance.........................................................................................................................................................................15
Figure 21. Phase Imbalance...............................................................................................................................................................................15
Figure 22. CMR ..................................................................................................................................................................................................15
Figure 23. Top View............................................................................................................................................................................................16
Figure 24. Bottom View ......................................................................................................................................................................................16
Figure 25. Evaluation Kit Electrical Schematic ...................................................................................................................................................17
Figure 26. Control Pin Interface Schematic........................................................................................................................................................18
List of Tables
Table 1. Pin Descriptions...................................................................................................................................................................................4
Table 2. Absolute Maximum Ratings.................................................................................................................................................................5
Table 3. Recommended Operating Conditions .................................................................................................................................................5
Table 4. Electrical Characteristics with a 5V Supply..........................................................................................................................................6
Table 5. Electrical Characteristics with a 3.3V Supply.......................................................................................................................................9
Table 6. Package Thermal Characteristics......................................................................................................................................................11
Table 7. Evaluation Kit Bill of Material (BOM) .................................................................................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com