Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1129MBEVB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F1129MBEVB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MBEVB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F1129MBEVB Datasheet HTML 6Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 7Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 8Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 9Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 10Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 11Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 12Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 13Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
10
January 31, 2021
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Reverse Isolation
REVISO
31
dB
Amplitude Imbalance[b]
IMBALAMP
fRF = 3.0GHz
0.2
dB
fRF = 3.3GHz
0.3
fRF = 3.55GHz
0.5
fRF = 3.8GHz
0.6
fRF = 4.2GHz
0.8
Phase Imbalance[c]
IMBALPH
fRF = 3.0GHz
3.3
deg
fRF = 3.3GHz
2.5
fRF = 3.55GHz
1.8
fRF = 3.8GHz
1.1
fRF = 4.2GHz
1.6
Common Mode Rejection[d]
CMR
fRF = 3.0GHz
29
dB
fRF = 3.3GHz
29.5
fRF = 3.55GHz
29.5
fRF = 3.8GHz
28
fRF = 4.2GHz
26
Noise Figure
NF
fRF = 3.0GHz
1.8
dB
fRF = 3.3GHz
1.8
fRF = 3.55GHz
1.9
fRF = 3.8GHz
2
fRF = 4.2GHz
2.2
Noise Figure Variation over Temp
NFTEMP
TEP = -40°C to +115°C
±0.5
dB
Output Third Order Intercept Point[e]
OIP3
fRF = 3.0GHz
27
dBm
fRF = 3.3GHz
27
fRF = 3.55GHz
26
fRF = 3.8GHz
25
fRF = 4.2GHz
21
Output P1dB
OP1dB
fRF = 3.0GHz
15
dBm
fRF = 3.3GHz
14.5
fRF = 3.55GHz
13
fRF = 3.8GHz
13
fRF = 4.2GHz
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com