Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2950 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2950
Description  High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2950 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2950 Datasheet HTML 1Page - Renesas Technology Corp F2950 Datasheet HTML 2Page - Renesas Technology Corp F2950 Datasheet HTML 3Page - Renesas Technology Corp F2950 Datasheet HTML 4Page - Renesas Technology Corp F2950 Datasheet HTML 5Page - Renesas Technology Corp F2950 Datasheet HTML 6Page - Renesas Technology Corp F2950 Datasheet HTML 7Page - Renesas Technology Corp F2950 Datasheet HTML 8Page - Renesas Technology Corp F2950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
F2950 Datasheet
R35DS0038EU0101 Rev.1.01
Mar 9, 2022
Page 3
1.
Pin Information
1.1
Pin Assignments
RF2
VCTL
GND
RF1
VCC
F2950
1
2
3
6
5
4
EP
RFC
Figure 2. Pin Assignments – Top View
1.2
Pin Descriptions
Pin
Name
Function
1
VCTL
Logic control pin. See Table 3 for logic control states.
2
RFC
RF common port. Matched to 50Ω in the insertion loss state only. If this pin is not 0V DC, then an
external coupling capacitor must be used.
3
VCC
Power supply. Bypass to GND with capacitors as close as possible to the pin.
4
RF2
RF2 port. Matched to 50Ω in the insertion loss state only. If this pin is not 0V DC, then an external
coupling capacitor must be used.
5
GND
Ground. Ground this pin as close to the device as possible.
6
RF1
RF1 port. Matched to 50Ω in the insertion loss state only. If this pin is not 0V DC, then an external
coupling capacitor must be used.
-
EP
Exposed pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple
ground vias to provide heat transfer out of the device into the PCB ground planes. These multiple
ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com