Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2950 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F2950
Description  High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2950 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F2950 Datasheet HTML 3Page - Renesas Technology Corp F2950 Datasheet HTML 4Page - Renesas Technology Corp F2950 Datasheet HTML 5Page - Renesas Technology Corp F2950 Datasheet HTML 6Page - Renesas Technology Corp F2950 Datasheet HTML 7Page - Renesas Technology Corp F2950 Datasheet HTML 8Page - Renesas Technology Corp F2950 Datasheet HTML 9Page - Renesas Technology Corp F2950 Datasheet HTML 10Page - Renesas Technology Corp F2950 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
F2950 Datasheet
R35DS0038EU0101 Rev.1.01
Mar 9, 2022
Page 7
Table 2. Electrical Characteristics (2)
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Input IP3
IIP3
fRF = 2.4GHz at PIN = +24dBm/tone
100MHz tone spacing
-
69
-
dBm
fRF = 5.9GHz at PIN = +24dBm/tone
100MHz tone spacing
-
69
-
Input IP2
IIP2
f1 = 700MHz, f2 = 1.7GHz
PIN = +24dBm/tone
Measure 2.4GHz product
-
111
-
dBm
f1 = 2.4GHz, f2 = 3.5GHz
PIN = +24dBm/tone
Measure 5.9GHz product
-
122
-
Second Harmonic
H2
fRF = 2.4GHz, PIN = +30dBm
Measure 4.8GHz product
-
104
-
dBc
fRF = 5.9GHz, PIN = +30dBm
Measure 11.8GHz product
-
93
-
Third Harmonic
H3
fRF = 2.4GHz, PIN = +30dBm
Measure 7.2GHz product
-
85
-
dBc
fRF = 5.9GHz, PIN = +30dBm
Measure 17.7GHz product
-
85
-
Input 1dB compression [3]
P1dB
fRF = 2.4GHz
-
40
-
dBm
fRF = 6GHz
-
40
-
fRF = 8GHz
-
39
-
Spurious Output [4]
Pspur1
fOUT > 5MHz
All ports terminated, RBW = 100Hz
-
-97
-
dBm
Pspur2
fOUT
≤ 5MHz
All ports terminated, RBW = 100Hz
-
-125
-
Maximum Video Feed-
Through on RF Ports
VIDFT
Peak transient during
switching. Measured with
20ns rise time, 0V to 3.3V
(3.3V to 0V) control pulse
applied to VCTL.
Rise
-
10
-
mVpp
Fall
-
21
-
Switching Time [5]
SWTIME
50% VCTL to 90% RF
-
170
230
ns
50% VCTL to 10% RF
-
170
230
50% VCTL to 99% RF
-
190
270
50% VCTL to 1% RF
-
190
270
Maximum Switching Rate
SWRATE
-
-
125
-
kHz
1.
Items in min/max columns in bold italics are confirmed by test.
2.
Items in min/max columns that are not bold italics are confirmed by design characterization.
3.
The input 1dB compression point is a linearity figure of merit. Refer to the Absolute Maximum Ratings section and Figure 3 for the
maximum RF input power.
4.
Spurious due to on-chip negative voltage generator. Spurious fundamental is approximately 5.7MHz.
5.
fRF = 1GHz. Rise and fall time of VCTL = 20ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com