Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6921 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F6921
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F6921 Datasheet HTML 5Page - Renesas Technology Corp F6921 Datasheet HTML 6Page - Renesas Technology Corp F6921 Datasheet HTML 7Page - Renesas Technology Corp F6921 Datasheet HTML 8Page - Renesas Technology Corp F6921 Datasheet HTML 9Page - Renesas Technology Corp F6921 Datasheet HTML 10Page - Renesas Technology Corp F6921 Datasheet HTML 11Page - Renesas Technology Corp F6921 Datasheet HTML 12Page - Renesas Technology Corp F6921 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
F6921 Datasheet
X0010170
Rev.1.0
Apr 8, 2021
Page 9
4.
Typical Performance Characteristics
Unless stated otherwise, ZS = ZL = 50
Ω on all RF ports, VDD = 0.95V, TAMB = 25°C, Typical Recommended IREF
Figure 4. Gain
Figure 5. Noise Figure
Figure 6. Input Match
Figure 7. Output Match
Figure 8. Input-to-Output Isolation
Figure 9. Ch-to-Ch Isolation
10
13
16
19
22
25
10
11
12
13
14
15
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
0.5
1
1.5
2
2.5
3
10
11
12
13
14
15
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-40
-30
-20
-10
0
10
11
12
13
14
15
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-40
-30
-20
-10
0
10
11
12
13
14
15
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-50
-40
-30
-20
-10
0
10
11
12
13
14
15
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-80
-60
-40
-20
0
10
11
12
13
14
15
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com