Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6921 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F6921
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F6921 Datasheet HTML 8Page - Renesas Technology Corp F6921 Datasheet HTML 9Page - Renesas Technology Corp F6921 Datasheet HTML 10Page - Renesas Technology Corp F6921 Datasheet HTML 11Page - Renesas Technology Corp F6921 Datasheet HTML 12Page - Renesas Technology Corp F6921 Datasheet HTML 13Page - Renesas Technology Corp F6921 Datasheet HTML 14Page - Renesas Technology Corp F6921 Datasheet HTML 15Page - Renesas Technology Corp F6921 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
F6921 Datasheet
X0010170
Rev.1.0
Apr 8, 2021
Page 12
5.2
Evaluation Board Schematic
Figure 16. Evaluation Board - Schematic
Table 1. Bill of Material (BOM)
Part
Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1, C2
2
33pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H330J
MURATA
C3, C4
2
1uF ±10%, 16V, X6S Ceramic Capacitor (0402)
GRM155C81C105K
MURATA
C7
1
10uF ±20%, 16V, X6S Ceramic Capacitor (0603)
GRM188C81C106M
MURATA
R1
1
3.2kΩ ±1%, 1/16W, Resistor (0402)
R2
1
DNI
R3, R4
2
0Ω Resistors (0402)
ERJ-2GE0R00X
PANASONIC
J5-J8
4
Edge Launch 2.92mm 40GHz
ELF-40-002
SIGNAL
MICROWAVE
TP1, TP2
2
Test Point Yellow
5004
Keystone Electronics
J11
1
CONN HEADER R/A 2POS 2.54MM
1718571002
MOLEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com