Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922AVRI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F6922AVRI
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922AVRI Datasheet(HTML) 5 Page - Renesas Technology Corp

  F6922AVRI Datasheet HTML 1Page - Renesas Technology Corp F6922AVRI Datasheet HTML 2Page - Renesas Technology Corp F6922AVRI Datasheet HTML 3Page - Renesas Technology Corp F6922AVRI Datasheet HTML 4Page - Renesas Technology Corp F6922AVRI Datasheet HTML 5Page - Renesas Technology Corp F6922AVRI Datasheet HTML 6Page - Renesas Technology Corp F6922AVRI Datasheet HTML 7Page - Renesas Technology Corp F6922AVRI Datasheet HTML 8Page - Renesas Technology Corp F6922AVRI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 5
2.
Specifications
Exposure of the device to parameter values outside of the range listed below may reduce the operating lifetime
and adversely and permanently alter the device characteristics. Furthermore, functional operation at or near
absolute maximum ratings is not implied.
2.1
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Minimum
Maximum
Unit
Supply Voltage
VDD
-0.3
1.2
V
Reference Current
IREF
0
200
μA
Input RF Pin DC Voltage
VDC_RFI
-0.3
1.0
V
Output RF Pin DC Voltage
VDC_RFO
-0.3
1.2
V
RF Input Power
PIN
VDD = 1.0V, VSWR<2:1
0
dBm
Junction Temperature
TJ
125
°C
ESD – Human Body Model
VHBM
JS-001-2012
1000
V
ESD – Charged Device Model
VCDM
JESD22-C101
250
V
2.2
Thermal Information
Parameter
Symbol
Value
Unit
Theta JB. Junction to Board
θJB
14
°C/W
Theta JC. Junction to Case (case top)
θJC
108
°C/W
Theta JA. Junction to Ambient
θJA
47
°C/W
Storage Temperature
TSTOR
-40 to +150
°C
Lead Temperature (soldering, 30s)
TLEAD
260
°C
2.3
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
RF Frequency Range
fRF
17.7
21.2
GHz
Power Supply Voltage
VDD
0.9
0.95
1.0
V
Reference Bias Current at -40°C
IREF
43
50
58
μA
Reference Bias Current at +25°C
77
90
104
μA
Reference Bias Current at +85°C
108
127
146
μA
Ambient Temperature
TA
-40
85
°C
RF Pin Load Impedance
ZRF
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com