Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922AVRI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F6922AVRI
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922AVRI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F6922AVRI Datasheet HTML 5Page - Renesas Technology Corp F6922AVRI Datasheet HTML 6Page - Renesas Technology Corp F6922AVRI Datasheet HTML 7Page - Renesas Technology Corp F6922AVRI Datasheet HTML 8Page - Renesas Technology Corp F6922AVRI Datasheet HTML 9Page - Renesas Technology Corp F6922AVRI Datasheet HTML 10Page - Renesas Technology Corp F6922AVRI Datasheet HTML 11Page - Renesas Technology Corp F6922AVRI Datasheet HTML 12Page - Renesas Technology Corp F6922AVRI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 9
Figure 10. Output 1dB Compression
Figure 11. Output Third Order Intercept
Figure 12. Supply Current, Per Channel
Figure 13. IREF Pin Voltage vs Current
Figure 14. Out of Band Gain
Figure 15. Out of Band Input Compression
-15
-10
-5
0
5
17
18
19
20
21
22
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-10
-5
0
5
10
15
17
18
19
20
21
22
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
0
5
10
15
20
25
30
0.9
0.925
0.95
0.975
1
VDD (V)
-40°C
25°C
85°C
0.2
0.3
0.4
0.5
0.6
0.7
0
50
100
150
200
250
Iref (μA)
-40°C
25°C
85°C
0
5
10
15
20
25
22
23.5
25
26.5
28
29.5
31
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V
-30
-25
-20
-15
-10
-5
0
22
23.5
25
26.5
28
29.5
31
Frequency (GHz)
-40°C / 0.9V
-40°C / 0.95V
-40°C / 1.0V
25°C / 0.9V
25°C / 0.95V
25°C / 1.0V
85°C / 0.9V
85°C / 0.95V
85°C / 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com