Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N65 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 7N65
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

7N65 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  7N65 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7N65
- 1 -
Description
Absolute Maximum Ratings TC=25℃ unless otherwise specified
Symbol
Parameter
Max.
Units
TO-220
TO-220F
VDSS
Drain-Source Voltage
650
V
VGSS
Gate-Source Voltage
±30
V
ID
Continuous Drain Current
TC = 25℃
7
7*
A
TC = 100℃
4.3
4.3*
A
IDM
Pulsed Drain Current note1
28
28*
A
EAS
Single Pulsed Avalanche Energy note2
200
mJ
dv/dt
Peak Diode Recovery Energy note3
4.5
V/ns
PD
Power Dissipation
TC = 25℃
125
30
W
Linear Derating Factor
TC > 25℃
1
0.24
W/℃
RθJC
Thermal Resistance, Junction to Case
1
4.2
℃/W
RθJA
Thermal Resistance, Junction to Ambient
62.5
62.5
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
*Drain current limited by maximum junction temperature
650V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Features
 RDS(ON) = 1.27Ω (Max.) @ VGS = 10V, ID = 3.5A
 Fast switching
 100% avalanche tested
 Improved dv/dt capability
Application
 DC-DC & DC-AC Converters
 Uninterruptible Power Supply (UPS)
 Switch Mode Low Power Supplies
Package
TO-220
TO-220F
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
www.sztuofeng.com
,2018 V1.0
Mar


Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
More results

Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com