Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF040N03M Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF040N03M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF040N03M Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF040N03M Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig.1 Power Dissipation
Fig.2 Typical output Characteristics
Fig.3 Threshold Voltage V.S Junction Temperature
Fig.4 Resistance V.S Drain Current
Fig.5 On-Resistance VS Gate Source Voltage
Fig.6 On-Resistance V.S Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
Temperature (。C)
0
0.5
1
1.5
2
2.5
-50
50
150
Junction Temperature
0
2
4
6
8
0
30
Drain Current(A)
60
0
2
4
6
8
10
2
4
6
8
10
VGS( V )
0.3
0.6
0.9
1.2
1.5
-50
0
50
100
150
Temperature
TF040N03M
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
3
www.sztuofeng.com
Feb 2021 V1.0
0
100
200
300
0
0.5
1
1.5
2
Drain-Source voltage (V)
VGS=10V
VGS=4.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com