Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF040N03M Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF040N03M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF040N03M Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF040N03M Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF040N03M Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Single Pulse Avalanche Energy
EAS
230
mJ
Avalanche Current
IAS IAR
30
A
●Thermal resistance
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal resistance, junction - case
RthJC
-
-
3.2
°C/W
Thermal resistance, junction - ambient
RthJA
-
-
57
°C/W
Soldering temperature, wave soldering for
8s
Tsold
-
-
265
°C
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Drain-Source Breakdown
Voltage
BVDSS
VGS =0V,ID =250uA
30
V
Gate Threshold Voltage
VGS(TH)
VGS =V DS, ID =250uA
1.0
2.5
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS =0V
1.0
uA
Gate- Source Leakage Current
IGSS
VGS=±20V ,VDS =0V
±100
nA
Static Drain-source On
Resistance
RDS(ON)
VGS=10V, ID=20A
4.3
5.5
mΩ
VGS=4.5V, ID=20A
7.0
9.0
mΩ
Forward Transconductance
gFS
VDS =25V, ID=10A
18
S
Source-drain voltage
VSD
Is=20A
1.20
V
●Electronic Characteristics
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Input capacitance
Ciss
Vds=15V,Vgs=0V
f = 1MHz
-
1784
-
pF
Output capacitance
Coss
-
266
-
Reverse transfer capacitance
Crss
-
212
-
⚫Gate Charge characteristics(Ta = 25
℃)
Parameter
Symbol
Condition
Min.
Typ
Max.
Unit
Gate Risistance
Rg
f = 1MHz
1.5
Ω
Total gate charge
Qg
VDD = 15V
ID = 20A
VGS = 10V
-
38
-
nC
Gate - Source charge
Qgs
-
5.8
-
Gate - Drain charge
Qgd
-
7.9
-
TF040N03M
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
Turn-ON Delay time
tD(on)
VGS=10V ,VDS=10V
RG =6.0Ω, I=20A
7
ns
Turn-ON Rise time
tr
6
ns
Turn-Off Delay time
tD(off)
30
ns
Turn-Off Fall time
tf
8
ns
2
www.sztuofeng.com
Feb 2021 V1.0
1.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com