Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT493TA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # FMMT493TA
Description  iMOTION™ Modular Application Design Kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FMMT493TA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button FMMT493TA Datasheet HTML 9Page - Infineon Technologies AG FMMT493TA Datasheet HTML 10Page - Infineon Technologies AG FMMT493TA Datasheet HTML 11Page - Infineon Technologies AG FMMT493TA Datasheet HTML 12Page - Infineon Technologies AG FMMT493TA Datasheet HTML 13Page - Infineon Technologies AG FMMT493TA Datasheet HTML 14Page - Infineon Technologies AG FMMT493TA Datasheet HTML 15Page - Infineon Technologies AG FMMT493TA Datasheet HTML 16Page - Infineon Technologies AG FMMT493TA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Application Note
13
<Revision 1.0>
<2017-05-22>
Eval-M1-CM610N3
iMOTION™ Modular Application Design Kit
Schematics and Layout
5.6
Thermistor Output
This board provides Thermistor/NTC output on pin 15 of the 20 pin connector J2. Temperatures can be
calculated by resistor measurement. The thermistor characteristics for CIPOS™ mini IPM with build in NTC are
listed as summarized in Table 6.
Table 6
CIPOS™ Internal NTC – Thermistor Characteristics
Description
Condition
Symbol
Value
Unit
min
typ
max
Resistor
TNTC = 25°C
RNTC
79.638
85.000
90.362
kΩ
Resistor
TNTC = 50°C
RNTC
28.400
29.972
31.545
kΩ
Resistor
TNTC = 60°C
RNTC
19.517
20.515
21.514
kΩ
Resistor
TNTC = 70°C
RNTC
13.670
14.315
14.960
kΩ
Resistor
TNTC = 80°C
RNTC
9.745
10.169
10.593
kΩ
Resistor
TNTC = 90°C
RNTC
7.062
7.345
7.628
kΩ
Resistor
TNTC = 100°C
RNTC
5.199
5.388
5.576
kΩ
Resistor
TNTC = 110°C
RNTC
3.856
4.009
4.163
kΩ
Resistor
TNTC = 120°C
RNTC
2.900
3.024
3.149
kΩ
Resistor
TNTC = 125°C
RNTC
2.527
2.639
2.751
kΩ
B-constant of NTC
B(25/100)
4092
K
The VFO pin of CIPOS™-Modules provides direct access to the NTC, which is referenced to VSS. An external pull-
up resistor connected to +3.3V ensures that the resulting voltage can be directly connected to the
microcontroller.
Figure 9 depicts the CIPOS™ internal circuit at pin VFO. An external pull-up resistor is required to bias the NTC.
Figure 9
Internal circuit at pin VFO for CIPOS™ IPM IKCM10H60GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com