Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT493TA Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # FMMT493TA
Description  iMOTION™ Modular Application Design Kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FMMT493TA Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button FMMT493TA Datasheet HTML 17Page - Infineon Technologies AG FMMT493TA Datasheet HTML 18Page - Infineon Technologies AG FMMT493TA Datasheet HTML 19Page - Infineon Technologies AG FMMT493TA Datasheet HTML 20Page - Infineon Technologies AG FMMT493TA Datasheet HTML 21Page - Infineon Technologies AG FMMT493TA Datasheet HTML 22Page - Infineon Technologies AG FMMT493TA Datasheet HTML 23Page - Infineon Technologies AG FMMT493TA Datasheet HTML 24Page - Infineon Technologies AG FMMT493TA Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Application Note
21
<Revision 1.0>
<2017-05-22>
Eval-M1-CM610N3
iMOTION™ Modular Application Design Kit
Bill of Materials of Eval-M1-CM610N3
6
Bill of Materials of Eval-M1-CM610N3
Table 7 provides the complete bill of materials of the evaluation board.
Table 7
Bill of materials
No. Qty Part description
Designator
Part number
Manufacturer
1
1
CAP CER 0.1μF 630V X7R 1812
C1
C4532X7R2J104K230KA TDK Corporation
2
1
CAP CER 4.7μF 25V 0805
C2
TMK212AB7475KG-T
Taiyo Yuden
3
2
CAP CER 10μF 25V 0805
C3, C4
TMK212BBJ106KG-T
Taiyo Yuden
4
3
CAP CER 0.1μF 10V 0603
C5, C6, C14
0603ZC104KAT2A
AVX Corporation
5
3
CAP CER 0.1μF 25V 0603
C7, C8, C9
06033C104KAT2A
AVX Corporation
6
3
CAP CER 10μF 25V X7R 1206
C10, C11, C12
C1206C106K3RACTU
Kemet
7
5
CAP CER 470pF 10V 0603
C13, C15, C16,
C19, C20
885012006012
Wurth Electronics
Inc
8
1
CAP CER 0.47μF 10V 0603
C17
C0603C474K8RACTU
Kemet
9
2
CAP CER 4700pF 25V 0603
C18, C21
C0603C472K3RACTU
Kemet
10
1
CAP CER 10μF 25V 1812
C22
C4532X7R1E106K250KA TDK Corporation
11
1
CAP CER 470pF 25V 1206
C23
885012208044
Wurth Electronics
Inc
12
1
CAP FILM 0.1μF 630V RADIAL
C101
ECW-FA2J104J
Panasonic
Electronic
13
1
CAP CER 0.1μF 25V 0805
C102
C0805C104K3RACTU
Kemet
14
1
CAP CER 10μF 25V 0805
C103
TMK212BBJ106KG-T
Taiyo Yuden
15
1
CAP CER 0.22μF 25V 0805
C104
C0805X224K3RAC7800
Kemet
16
1
CAP ALUM 220μF 35V RADIAL
C105
35ZLS220MEFC8X11.5
Rubycon
17
1
CAP CER 10nF 25V X7R 0603
C107
C0603C103M3RACTU
Kemet
18
1
CAP CER 1μF 25V 0805
C108
C0805C105K3RACTU
Kemet
19
1
CAP CER 0.1μF 10V X7R 0603
C109
C0603C104K8RACTU
Kemet
20
1
CAP ALUM 470μF 16V RADIAL
C110
16ZLH470MEFC8X11.5
Rubycon
21
2
CAP FILM 0.47μF 10% 275VAC
RADIAL
CX1, CX2
MKP275VAC474PF
JIMSON
22
2
CAP CER 3300pF 440VAC Y5U
RADIAL
CY1, CY2
ECK-ATS332ME
Panasonic
Electronic
Components
23
3
Diode GEN PURP 100V 300mA
D1, D5, D6
1N4148W-7-F
Diodes
Incorporated
24
3
Diode SCHOTTKY 10V 3A
D2, D3, D4
BAT60AE6327HTSA1
Infineon
Technologies
25
2
Diode Standard 600V 1A Surface
Mount SMA
D101, D102
US1J-13-F
Diodes
Incorporated
26
2
CAP ALUM 330μF 20% 400V SNAP E1, E2
ESMQ401VSN331MR30
S
United Chemi-Con
27
1
FUSE CERAMIC 8A 250VAC
F1
5HF-8
Bel Fuse Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com