Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 3Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
User Manual
7 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-102T main features
3.2
IMC102T-F064 pinout description
The main part of the EVAL-M3-102T MADK control board is the IMC102T-F064 iMOTION™ motor control IC.
Figure 3 depicts the pinout of the IMC102T-F064 IC. IMC102T-F064 comes in a 12mm x 12mm 64-pin LQFP
package.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IMC102T
F064
(Top View)
VSS
VDD
PAR0/GPIO2
PAR1/GPIO3
PAR2/GPIO4
PAR3/GPIO5
VSP/AIN0
REFW/AHALL1+/AIN1
IW/AHALL1-/AIN2
PFCI
NTC/AIN4
VDC
IV/AHALL2-
REFV/AHALL2+/AIN7
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
PFCG0
PFCG1
PGOUT
LED
GK
VDD
PWMWH
PWMWL
GPIO15
GPIO14
GPIO13
GPIO12
GPIO21
GPIO20
GPIO19
GPIO18
GPIO7
GPIO8
Figure 3
Pinout of IMC102T-F064
The pin type is specified as follows:
I — digital input
O — digital output
AIN — analog input
Note:
Pins that do not have any signal assigned are reserved for future use. These pins should be left
unconnected and neither be connected to ground nor to the positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com