Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
User Manual
14 of 41
Revision 1.6
2019-07-16
EVAL-M3-102T User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M3-102T
4
Getting Started with EVAL-M3-102T
In order to run the motor system, a combination of the iMOTION™ MADK control board (EVAL-M3-102T) and the
matching MADK power board (with M3 connector) is required. The iMOTION™ Software Tools MCEDesigner and
MCEWizard are also required in order to initialy setup the system, as well as to control and fine-tune the system
performance to match users exact needs. This chapter provides more details on setting up the system and
getting started with iMOTION™ MADK development platform.
4.1
Setting up the system
EVAL-M3-102T consists of several functional groups which enable out-of-the-box, fully functional motor control
system combined with additional interfaces and test points for more advanced use cases. Figure 4 shows the
functional groups of the EVAL-M3-102T evaluation board.
Figure 4
Functional groups of the EVAL-M3-102T evaluation board’s top side
After downloading and installing the iMOTION™ PC Tools (MCEWizard and MCEDesigner), following steps needs
to be executed in order to run the motor. Refer to chapters 0 and 4.2.2 as well as MCEWizard and MCEDesigner
documentation for more information.
1. Get the latest ”IMC102T-F064 MCE Software Package” available on www.infineon.com/imotion-software
web page.
2. Connect PC-USB connector on the on-board-debugger to the PC via USB cable.
3. Connect EVAL-M3-102T’s M3 30-pin interface connector (J1) to power board (For example EVAL-M3-
CM615PN, see Figure 5).
4. Use MCEWizard to enter the target motor’s system and operating parameters, as well as evaluation board’s
hardware parameters, which will then be used to calculate controller’s digital parameter set representing
complete motor drive system. First click “Calculate” button on the “Verify & Save Page” and then save the
5
6
2
1
8
1. On-board debugger
2. USB Connecter (X101)
3. Test Signal Pin Connecter
(J8)
4. Test Signal Pin Connecter
(J5)
5. IMC102T-F064 iMOTION™
motor control IC
6. iMOTION™ MADK-M3 30
pins interface connector
(J1)
7. Test Signal Pin Connecter
(J3)
8. iMOTION™ Link connector
(J2)
9. VSP Signal Pin Connecter
(J7)
10. Test Signal Pin Connecter
(J4)
11. Test Signal Pin Connecter
(J6)
10
7
4
3
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com