Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM397MF/NOPB Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # LM397MF/NOPB
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LM397MF/NOPB Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button LM397MF/NOPB Datasheet HTML 28Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 29Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 30Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 31Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 32Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 33Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 34Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 35Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
User Manual
32 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
5.6
PCB Layout for EVAL-M3- CM615PN
The layout of this board can be used for different voltage or power classes. The PCB has two electrical layers
with 35µm copper by default and its size is 120 mm × 120 mm. The PCB board thickness is 1.6mm. Get in
contact with our technical support team to get more detailed information and the latest Gerber-files.
Figure 33 illustrates the top assembly print of the evaluation board.
Figure 33 Top assembly print of the Eval-M3-CM615PN evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com