Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM397MF/NOPB Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # LM397MF/NOPB
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LM397MF/NOPB Datasheet(HTML) 4 Page - Infineon Technologies AG

  LM397MF/NOPB Datasheet HTML 1Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 2Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 3Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 4Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 5Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 6Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 7Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 8Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
User Manual
4 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Introduction
2
Introduction
The Eval-M3-CM615PN evaluation power board is a part of the iMOTION™ Modular Application Design Kit for
motor drives (iMOTION™ MADK). In order to run a motor, the matching control board is required to interface
this power board.
The MADK platform is intended to use various power stages with different control boards. These boards can
easily be interfaced through the 30-pin iMOTION™ MADK M3 such as Eval-M3-102T, or the 20-pin iMOTION™
MADK M1 interface connector to control board. This board is equipped with 30-pin M3 connector and is
intended for single motor and Boost PFC control only.
This evaluation board is designed to give Easy-to-use power stage based on the Infineon's CIPOS™ Mini
Inteligent Power Module (IPM). The board is equipped with all assembly groups for sensorless field oriented
control (FOC). It provides a single-phase AC-connector, rectifier, a PFC inductor connector, Boost PFC and 3-
phase output for connecting the motor. The power stage also contains emitter shunts for current sensing and a
voltage divider for DC-link voltage measurement.
The Eval-M3-CM615PN evaluation board is available through regular Infineon distribution partners as well as on
Infineon's website. The features of this board are described in the main features chapter of this document,
whereas the remaining paragraphs provide information to enable the customers to copy, modify and qualify
the design for production according to their own specific requirements.
Environmental conditions were considered in the design of the Eval-M3-CM615PN, but it is not qualified
regarding safety requirements or manufacturing and operation over the whole operating temperature range or
lifetime. The boards provided by Infineon are subject to functional testing only.
The block diagram of the Eval-M3-CM615PN is depicted in Figure 1. This evaluation board includes an EMI filter
and soft power up circuit, 30 pins iMOTION™ MADK-M3 interface connector, auxiliary power supply to provide
15V and 3.3V, PFC gate dirve circuit and the CIPOS™Mini IPM IFCM15P60GD.
M
HVIC
30 pin iMOTIONTM
MADK-M3 connector
CIPOSTM IPM IFCM15P60GD Inverter Section
Line
Neutral
15V
VFO
Itrip
PWM
CIPOS IPM
PFC Section
PFC
Overcurrent
protection
Overcurrent and
Overtemperature
protection
PFC
Gatekill
VAC+
VAC-
PFC_Shunt+
PFC_Shunt-
Power
Supply
I_Shunt+
I_Shunt-
Gate
Driver
PFC_PWM
EMI Filter
& Soft
Power Up
Circuit
Figure 1
The Block Diagram of the Eval-M3-CM615PN
The hardware circuit regarding overtemperature and overcurrent protection is also included in this power
board. The sense connection to common emitter shunt resistor is connected to the 30 pins iMOTION™ MADK-M3
interface connector. This power board is compatible with PFC integrated CIPOS™ Mini IPMs that feature 3 phase
common emitter and built-in NTC considering motor power rating and IPM’s current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com