Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705QPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705QPWREP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705QPWREP Datasheet(HTML) 4 Page - Texas Instruments

  TLC7705QPWREP Datasheet HTML 1Page - Texas Instruments TLC7705QPWREP Datasheet HTML 2Page - Texas Instruments TLC7705QPWREP Datasheet HTML 3Page - Texas Instruments TLC7705QPWREP Datasheet HTML 4Page - Texas Instruments TLC7705QPWREP Datasheet HTML 5Page - Texas Instruments TLC7705QPWREP Datasheet HTML 6Page - Texas Instruments TLC7705QPWREP Datasheet HTML 7Page - Texas Instruments TLC7705QPWREP Datasheet HTML 8Page - Texas Instruments TLC7705QPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLC7701EP, TLC7705EP, TLC7733EP
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS013A − MARCH 2003 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (see Note 2) (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLC77xx
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VDD = 2 V
1.8
VOH
High-level output voltage
IOH = − 20 µA
VDD = 2.7 V
2.5
V
VOH
High-level output voltage
IOH = − 20 µA
VDD = 4.5 V
4.3
V
IOH = − 2 mA
VDD = 4.5 V
3.7
VDD = 2 V
0.2
VOL
Low-level output voltage
IOL = 20 µA
VDD = 2.7 V
0.2
V
VOL
Low-level output voltage
IOL = 20 µA
VDD = 4.5 V
0.2
V
IOL = 2 mA
VDD = 4.5 V
0.5
Negative-going input threshold voltage,
TLC7701
1.04
1.1
1.16
VIT −
Negative-going input threshold voltage,
SENSE (see Note 3)
TLC7705
VDD = 2 V to 6 V
4.43
4.5
4.63
V
VIT −
SENSE (see Note 3)
TLC7733
VDD = 2 V to 6 V
2.855
2.93
3.03
V
TLC7701
30
Vhys
Hysteresis voltage, SENSE
TLC7705
VDD = 2 V to 6 V
70
mV
Vhys
Hysteresis voltage, SENSE
TLC7733
VDD = 2 V to 6 V
70
mV
Vres
Power-up reset voltage‡
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
II
Input current
CONTROL
VI = VDD
7
15
µA
II
Input current
SENSE
VI = 5 V
5
10
µA
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
IDD
Supply current
RESIN = VDD,
SENSE = VDD ≥ VITmax + 0.2 V
916
µA
IDD
Supply current
CONTROL = 0 V,
Outputs open
9
16
µA
IDD(d) Supply current during td
VDD = 5 V,
RESIN = VDD,
CONTROL = 0 V,
VCT = 0 ,
SENSE = VDD,
Outputs open
120
150
µA
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
† Typical values apply at TA = 25°C.
‡ The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD ≥ 15 µs/V.
NOTES:
2. All characteristics are measured with CT = 0.1 µF.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be connected near the supply terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com