Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7705QPWREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7705QPWREP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7705QPWREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7705QPWREP Datasheet HTML 3Page - Texas Instruments TLC7705QPWREP Datasheet HTML 4Page - Texas Instruments TLC7705QPWREP Datasheet HTML 5Page - Texas Instruments TLC7705QPWREP Datasheet HTML 6Page - Texas Instruments TLC7705QPWREP Datasheet HTML 7Page - Texas Instruments TLC7705QPWREP Datasheet HTML 8Page - Texas Instruments TLC7705QPWREP Datasheet HTML 9Page - Texas Instruments TLC7705QPWREP Datasheet HTML 10Page - Texas Instruments TLC7705QPWREP Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLC7701EP, TLC7705EP, TLC7733EP
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS013A − MARCH 2003 − REVISED SEPTEMBER 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
1.005
−40
1.004
1.003
1.002
1.001
1
0.999
0.998
0.997
−20
0
20
40
60
80
100
120
TA − Temperature − °C
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
TEMPERATURE
Figure 4
10
−0.5
9
8
7
6
5
4
3
2
0.5
1.5
2.5
3.5
4.5
5.5
6.5
VDD − Supply Voltage − V
1
0
−1
RESIN = VDD = −1 V to 6.5 V
SENSE = GND
CONTROL = GND
CT = Open = 100 pF
TA = 25°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 5
4.5
5
4
3.5
3
2.5
2
1.5
1
0.5
0
−5
−10
−15
−20
−25
−40
IOH − High-Level Output Current − mA
0
−0.5
−1
VDD = 4.5 V
RESIN = 4.5 V
SENSE = 0.5 V
CONTROL = 0 V
CT = Open = 100 pF
5
125
°C
85
°C
25
°C
−40
°C
−55
°C
0
°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
−30
−35
Figure 6
−5
6
5
4
3
2
0
5
10
15
20
25
30
IOL − Low-Level Output Current − mA
1
0
−1
VDD = 4.5 V
RESIN = 4.5 V
SENSE = 5 V
CONTROL = 0 V
CT = Open = 100 pF
−40
°C
−55
°C
125
°C
85
°C
25
°C
0
°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com