Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW3400AI Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW3400AI
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW3400AI Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW3400AI Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
YFW3400A
1 / 5
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
30V N-CHANNEL ENHANCEMENT MODE MOSFET
MAIN CHARACTERISTICS
ID
6.2A
VDSS
30V
RDSON-typ(@VGS=10V)
<28mΩ(Type:20 mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
SOT-23
Product Specification Classification
Part Number
Package
Marking
Pack
YFW3400AI
SOT-23
A09T
3000PCS/Tape
YFW3400AI
SOT-23
MOV
3000PCS/Tape
Maximum Ratings at Tc=25°C unless otherwise specified
Characteristics
Symbols
Value
Units
Drain-Source Voltage
VDS
30
V
Gate - Source Voltage
VGS
±12
V
Continuous Drain Current @TA=25℃
ID
6.2
A
Continuous Drain Current @TA=70℃
ID
4.9
A
Pulsed Drain Current
2
IDM
20
A
Total Power Dissipation
3 @T
A=25℃
PD
1
W
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
Thermal Resistance Junction-ambient
1
RθJA
125
°C/W
Thermal Resistance Junction-Ambient 1 (t ≤10s)
RθJA
85
°C/W
Rev:2021Y1


Similar Part No. - YFW3400AI

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3400 YFWDIODE-YFW3400 Datasheet
830Kb / 5P
N-Channel Enhancement MOSFET
YFW3400 YFWDIODE-YFW3400 Datasheet
713Kb / 5P
N-Channel Enhancement MOSFET
YFW3400B YFWDIODE-YFW3400B Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW3400C YFWDIODE-YFW3400C Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW3400CI YFWDIODE-YFW3400CI Datasheet
1Mb / 5P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Similar Description - YFW3400AI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com