Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW3400AI Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW3400AI
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW3400AI Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW3400AI Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW3400AI Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
YFW3400A
2 / 5
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
Maximum Ratings at Tc=25°C unless otherwise specified
Characteristics
Test Condition
Symbols
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
BVDSS
30
33
-
V
BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
△BVDSS/△TJ
-
0.029
-
V/°C
Static Drain-Source On-Resistance
2
VGS=10V, ID=5.8A
RDS(ON)
-
20
28
mΩ
VGS=4.5V, ID=5A
-
24
32
VGS=2.5V, ID=4A
31
55
Gate -Threshold Voltage
VDS=VGS, ID=250uA
VGS(th)
0.5
0.85
1.2
V
VGS(th) Temperature Coefficient
△VGS(th)
-
-2.82
-
mV/°C
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
IDSS
-
-
1
μA
VDS=24V , VGS=0V , TJ=55℃
-
-
5
Gate –Source Leakage Current
VGS=±12V, VDS=0V
IGSS
-
-
±100
nA
Forward Transconductance
VDS=5V , ID=5A
gfs
-
25
-
S
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
Rg
-
1.5
-
Ω
Total Gate Charge(4.5V)
VDS=15V
VGS=4.5V
ID=5.8A
Qg
-
11.5
-
nC
Gate-Source Charge
Qgs
-
1.6
-
Gate-Drain Charge
Qgd
-
2.9
-
Turn-on delay time
VDD =15V
VGS=10V
ID= 5A
RG=3Ω
td(on)
-
5
-
ns
Rise Time
Tr
-
47
-
Turn-Off Delay Time
td(OFF)
-
26
-
Fall Time
tf
-
8
-
Input Capacitance
VDS=15V
VGS=0V
f=1.0MHz
Ciss
-
860
-
PF
Output Capacitance
Coss
-
84
-
Reverse Transfer Capacitance
Crss
-
70
-
Continuous Source Current
1,4
VG=VD=0V , Force Current
IS
-
-
5.8
A
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
VSD
-
-
1.2
V
Note :
1、.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Rev:2021Y1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com