Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6441...ALV Datasheet(PDF) 60 Page - Texas Instruments

Part # AM6441...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6441...ALV Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM6441...ALV Datasheet HTML 56Page - Texas Instruments AM6441...ALV Datasheet HTML 57Page - Texas Instruments AM6441...ALV Datasheet HTML 58Page - Texas Instruments AM6441...ALV Datasheet HTML 59Page - Texas Instruments AM6441...ALV Datasheet HTML 60Page - Texas Instruments AM6441...ALV Datasheet HTML 61Page - Texas Instruments AM6441...ALV Datasheet HTML 62Page - Texas Instruments AM6441...ALV Datasheet HTML 63Page - Texas Instruments AM6441...ALV Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 244 page
background image
Table 6-2. ADC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
ADC0_AIN7 (1) (2) (3)
A
ADC Analog Input 7 / GPIO1_87 (Input Only)
E20
ADC_EXT_TRIGGER0
I
ADC Trigger Input
B16, C13
ADC_EXT_TRIGGER1
I
ADC Trigger Input
D14, D16
(1)
The General Purpose Input signal associated with this ADC0_AIN input has a debounce function when ADC0 is configured to operate
in GPI mode. For more information on configuring ADC0 to operate in GPI mode, see the TRM Analog-to-Digital Converter (ADC)
section in the Peripherals chapter. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter.
(2)
The ADC0_AIN[7:0] inputs only have hysterisis when ADC0 is configured to operate in GPI mode.
(3)
Any unused ADC0_AIN inputs must be pulled to VSS through a resistor or connected directly to VSS when VDDA_ADC is connected
to a power source.
(4)
The ADC0_REFP and ADC0_REFN inputs are analog inputs which must be treated like high transient power supply rails, where
ADC0_REFN is expected to be connected directly to the PCB ground plane and ADC0_REFP is connected to a 4mA power source
with high frequency decoupling capacitors placed in the ball array on the back side of the PCB and connected directly to the
ADC0_REFP and ADC0_REFN package balls with vias.
6.3.2 CPSW3G
6.3.2.1 MAIN Domain
Table 6-3. CPSW3G0 RGMII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
RGMII1_RXC
I
RGMII Receive Clock
AA5, W13
RGMII1_RX_CTL
I
RGMII Receive Control
V13, W6
RGMII1_TXC
IO
RGMII Transmit Clock
U14
RGMII1_TX_CTL
O
RGMII Transmit Control
U15
RGMII1_RD0
I
RGMII Receive Data 0
AA13, W5
RGMII1_RD1
I
RGMII Receive Data 1
U12, Y5
RGMII1_RD2
I
RGMII Receive Data 2
V6, Y13
RGMII1_RD3
I
RGMII Receive Data 3
V12, V5
RGMII1_TD0
O
RGMII Transmit Data 0
V15
RGMII1_TD1
O
RGMII Transmit Data 1
V14
RGMII1_TD2
O
RGMII Transmit Data 2
W14
RGMII1_TD3
O
RGMII Transmit Data 3
AA14
Table 6-4. CPSW3G0 RGMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
RGMII2_RXC
I
RGMII Receive Clock
U11
RGMII2_RX_CTL
I
RGMII Receive Control
W12
RGMII2_TXC
IO
RGMII Transmit Clock
Y10
RGMII2_TX_CTL
O
RGMII Transmit Control
Y11
RGMII2_RD0
I
RGMII Receive Data 0
W11
RGMII2_RD1
I
RGMII Receive Data 1
V11
RGMII2_RD2
I
RGMII Receive Data 2
AA12
RGMII2_RD3
I
RGMII Receive Data 3
Y12
RGMII2_TD0
O
RGMII Transmit Data 0
AA10
RGMII2_TD1
O
RGMII Transmit Data 1
V10
RGMII2_TD2
O
RGMII Transmit Data 2
U10
RGMII2_TD3
O
RGMII Transmit Data 3
AA11
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com