| Electronic Components Datasheet Search |
|
AM6441...ALV Datasheet(PDF) 91 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6441...ALV Datasheet(HTML) 91 Page - Texas Instruments |
|
91 / 244 page ![]() 6.3.23.2 MCU Domain Table 6-69. MCU_TIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] MCU_TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) D8 MCU_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) E8 MCU_TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) B8 MCU_TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B9 6.3.24 UART 6.3.24.1 MAIN Domain Table 6-70. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART0_CTSn I UART Clear to Send (active low) B16 UART0_DCDn I UART Data Carrier Detect (active low) C17 UART0_DSRn I UART Data Set Ready (active low) D17 UART0_DTRn O UART Data Terminal Ready (active low) A17 UART0_RIn I UART Ring Indicator B17 UART0_RTSn O UART Request to Send (active low) A16 UART0_RXD I UART Receive Data D15 UART0_TXD O UART Transmit Data C16 Table 6-71. UART1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART1_CTSn I UART Clear to Send (active low) D16 UART1_RTSn O UART Request to Send (active low) E16 UART1_RXD I UART Receive Data E15 UART1_TXD O UART Transmit Data E14 Table 6-72. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART2_CTSn I UART Clear to Send (active low) L20, V19, Y1 UART2_RTSn O UART Request to Send (active low) J19, T18, U2 UART2_RXD I UART Receive Data B16, K18, T20, V1, W6 UART2_TXD O UART Transmit Data A16, K19, R4, U21 Table 6-73. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] UART3_CTSn I UART Clear to Send (active low) D19, T17, V2 UART3_RTSn O UART Request to Send (active low) C20, R3, U19 UART3_RXD I UART Receive Data AA5, D16, L21, U20, W1 UART3_TXD O UART Transmit Data AA2, E16, K21, U18 www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 91 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |