Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6441...ALV Datasheet(PDF) 214 Page - Texas Instruments

Part # AM6441...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6441...ALV Datasheet(HTML) 214 Page - Texas Instruments

Back Button AM6441...ALV Datasheet HTML 210Page - Texas Instruments AM6441...ALV Datasheet HTML 211Page - Texas Instruments AM6441...ALV Datasheet HTML 212Page - Texas Instruments AM6441...ALV Datasheet HTML 213Page - Texas Instruments AM6441...ALV Datasheet HTML 214Page - Texas Instruments AM6441...ALV Datasheet HTML 215Page - Texas Instruments AM6441...ALV Datasheet HTML 216Page - Texas Instruments AM6441...ALV Datasheet HTML 217Page - Texas Instruments AM6441...ALV Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 244 page
background image
8.2 Processor Subsystems
8.2.1 Arm Cortex-A53 Subsystem
The A53SS module supports the following features:
• Dual Core A53 Cluster
– Full ARM v8-A Architecture Compliant
• AArch32 and AArch64 Execution States
• All exception levels EL0-3
• A32 Instruction Set (Previously ARM instruction set)
• T32 instruction set (previously Thumb instruction set)
• A64 Instruction Set
– Advanced SIMD and Floating Point Extensions (NEON)
– ARMv8 Cryptography Extensions
– ARMv8 Cryptography Extensions
– ARM GICv3 architecture
– In-order pipeline with symmetric dual-issue of most instructions
– Harvard L1 with system MMU
• 32 KB Instruction Cache
• 32 KB Data Cache
– 256KB Shared L2 Cache
– Generic Timer(s)
– Debug
• 128-Bit VBUSM Master Interfaces (for axi_r and axi_r channels)
• 128-Bit VBUSM Slave Interface (for Accelerator Coherency Port)
• 64-bit Grey-coded system input time
• 48-bit Grey-coded debug input time
• 32-bit VBUSP slave interface for Debug
• Integrated PBIST controller with BISOR
For more information, see Dual-A53 MPU Subsystem section in Processors and Accelerators chapter in the
device TRM.
8.2.2 Arm Cortex-R5F Subsystem (R5FSS)
The R5FSS is a dual-core implementation of the Arm® Cortex®-R5F processor configured for dual/single-core
operation. It also includes accompanying memories (L1 caches and tightly-coupled memories), standard Arm®
CoreSight™ debug and trace architecture, integrated Vectored Interrupt Manager (VIM), ECC Aggregators, and
various wrappers for protocol conversion and address translation for easy integration into the SoC.
Note
The Cortex®-R5F processor is a Cortex-R5 processor that includes the optional Floating Point Unit
(FPU) extension.
For more information, see Dual-R5F Subsystem (R5FSS) section in Processors and Accelerators chapter in the
device TRM.
8.2.3 Arm Cortex-M4F (M4FSS)
The M4FSS module on the AM64x device provides a safety channel (secondary channel - working in conjunction
with an external microcontroller)- or- a general purpose MCU.
The M4FSS module supports the following features:
• Cortex M4F With MPU
• ARMv7-M architecture
• Support for Nested Vectored Interrupt Controller (NVIC) with 64 inputs
• Ability to executed code from internal or external memories
• 192 KB of SRAM (I-Code)
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
214
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com