Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMO-R020E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMO-R020E
Description  Intel® Celeron™ N3160 Fanless Embedded Box PC with Rich Expansion and Dual Removable 2.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMO-R020E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMO-R020E Datasheet HTML 1Page - Advantech Co., Ltd. AMO-R020E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-3405
Packing List
Part Number
Description
-
1 x China RoHS for ARK-3405
-
1 x User Manual (Simplified Chinese)
2190000902
1 x CARDBOARD-WARRANTY
1652003234
1 x 4-pin PLUG-IN BLOCK
1990021361N000
2 x HDD Thermal-Pad
1960069484N000
2 x LAN Clip Bracket
1960073853N001
2 x Mounting Bracket
1990027474N000
1 x CPU Thermal-Pad
9680015173
1 x L type Wrench for top cover
Option Item Information
Part Number
Description
AMO-R019E
2x PCIex1 riser card
AMO-R020E
1x PCI + 1x PCIex1 riser card
96PSA-A84W12P4
AC to DC Adaptor, DC12V/7A, 84W, 0 ~ 40° C
1702002600
Power Cord, 3-Pin 183cm, USA type
1702002605
Power Cord, 3-Pin 183cm, EU type
1702031801
Power Cord, 3-Pin 183cm, UK type
1700000237
Power Cord, 3-Pin 183cm, PSE type
Embedded OS
Part Number
Description
2070014220
WES7E 64bit ENG/CHT/CHS/JPN
2070014248
WES8.1E 64bit ENG/CHT/CHS/JPN
2070014270
Win 10 Enterprise 64bit with EN/JP/TC/SC
Optional MOS modules for
iDoor Expansion
Part Number
Description
MOS-1120Y-0201E
Isolated RS-232, 2-Ch, DB9, PCIe I/F
MOS-1121Y-0201E
Isolated RS-422/485, 2-Ch, DB9, PCIe I/F
MOS-1120Y-1401E
Non-Isolated RS-232, 4-Ch, DB9, PCIe I/F
MOS-1121Y-1401E
Non-Isolated RS-422/485, 4-Ch, DB9, PCIe I/F
MOS-2120-Z1101E
Giga LAN Ethernet module, 1-Ch, PCIe I/F
MOS-2220-Z1101E
High Speed Serial COM module, 1-Ch, USB I/F
MOS-2220-X1101E
Parallel LPT module, 1-Ch, USB I/F
MOS-2230-Z1201E
CANBus module, 2-Ch, USB I/F
MOS-1130Y-0201E
Isolated CANBus, 2-Ch, DB9, PCIe I/F
MOS-1110Y-0101E
Isolated 16 DI/8 DO, 1-Ch, DB37, PCIe I/F
MOS-2110Z-1201E
USB module, 2-Ch, PCIe I/F
Front Panel External I/O Mechanical Layout/Drawing
Side Panel External I/O Mechanical Layout/Drawing
Dimensions
Unit: mm
Ordering Information
Part No.
CPU
DDR3L
VGA
DVI-D
HDMI
RS-232
RS-232/
422/485
DIO
USB
3.0
USB
2.0
MiniPCIe
SIM
Expansion
iDoor
ARK-3405R-S6A1E
N3160
up to 8GB
1
1
1
2
2
8-bit
3
3
2
1
2 x PCI
1
COM1
COM2
COM3
COM4
Digital IO
Power
HDD LED & THERMAL LED
VGA
DVI-D
HDMI
LAN2
LAN1
DC IN 9-36V
Mic In
Line Out
USB4
USB6/USB5
USB1
USB2
USB3
HDD1 HDD2
COM1
COM2
COM3
COM4
Digital IO
Power
HDD LED & THERMAL LED
VGA
DVI-D
HDMI
LAN2
LAN1
DC IN 9-36V
Mic In
Line Out
USB4
USB6/USB5
USB1
USB2
USB3
HDD1 HDD2
70
215
240
10
5
A
Detail A
Scale 4 : 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com