Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMO-R020E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMO-R020E
Description  Intel® Celeron™ N3160 Fanless Embedded Box PC with Rich Expansion and Dual Removable 2.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMO-R020E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMO-R020E Datasheet HTML 1Page - Advantech Co., Ltd. AMO-R020E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Box PCs
Features
ARK-3405
Intel® Celeron™ N3160 Fanless
Embedded Box PC with Rich Expansion
and Dual Removable 2.5" HDD Drive Bays
ƒ Intel® Celeron™ N3160 Quad Core 2.24GHz SoC with Turbo boost Support
ƒ Supports VGA /DVI-D/HDMI triple independent display
ƒ Support 2 GbE, 3 USB 3.0, 3 USB 2.0, 1 DIO, audio and 4 COM ports
ƒ Two removable 2.5" SATA HDD drive bays
ƒ Flexible Expansion via PCI/PCIe x1
ƒ Support 2 Mini PCIe with 1 SIM holder for communication module
ƒ Wide range power input 9-36V
ƒ Advantech iDoor module compatible
Specifications
Processor System
CPU
Intel Celeron N3160 processor
Max. speed
1.6GHz, Turbo boost up to 2.24GHz
BIOS
AMI EFI 64 Mbit BIOS
Memory
Technology
DDR3L 1600MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel HD 8 Gen Integrated Graphic Engine
Interface
VGA: Up to 1920 x 1200 @ 60Hz
DVI-D: 1920 x 1200 @ 60Hz
HDMI: 2560 x 1600 @ 60Hz; 3840 x 2160 @ 30Hz
Triple Display
VGA + DVI-D + HDMI
Ethernet
LAN 1
10/100/1000 Mbps Intel i210 Ethernet controller, support Wake on LAN
LAN 2
10/100/1000 Mbps Intel i210 Ethernet controller, support Wake on LAN
Audio
Interface
Realtek ALC892; Mic-in and Line-Out
IO interface
Serial Interface
2 x RS-232, 2 x RS-232/422/485 w/ auto flow control (Default) ; COM 4 support 5V/12V power supply (by jumper)
Additional 2 x RS-232 ports support by cable and bracket (Optional by project support)
USB Interface
3 x USB 2.0 + 3 x USB 3.0, 1 x internal USB2.0
Digital I/O
8-bit digital IO
P/S2
1 x PS/2 port support by cable and bracket (Optional by project support)
Other
Watchdog Timer
255-level timer interval, setup by software
TPM
TPM 2.0 (Optional by project support)
Expansion
Add-on Card Slot
2 Slots PCI (default)
1 Slot PCI and 1 Slot PCIe x1 (Optional: AMO-R020E);
2 Slots PCIe x1 (Optional :AMO-R019E);
Maximum card size of 180mm (L) x 110mm (H)
Maximum power consumption 10w for each slot
Mini PCIe
2 x Full-size Mini PCIe ( 1 Mini PCIe with SIM holder)
Storage
HDD/SSD
Two 2.5" SATA removable HDD Bays with maximum device height 12.5mm
SD
1 internal SD Card slot support
Software Support
Microsoft Windows
Windows 10, Windows 8.1, Windows 7, WES8.1 , WES7
Linux
Support by project
Power Requirement
Power Type
AT/ATX
Power Input Voltage
9 VDC ~ 36 VDC
Power Adapter
AC to DC, DC12V/7A, 84W (Optional)
Power Consumption
Typical
9.7W
Max.
22.8W
Mechanical
Construction
Aluminum housing
Mounting
Desk/wall-mounting
Dimensions (W x H x D)
142.8 x 198 x 215 mm (5.63" x 7.79" x 8.46")
Weight
3.16 kg (6.97 lb)
Environment
Operating Temperature
With extended temperature peripherals: -10 ~ 55 °C (-14 ~ 131 °F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 40 °C (32 ~ 104 °F) with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C (-40 ~ 185°F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Loading During
Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
CB, UL, CCC, BSMI
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 30-Jun-2016


Similar Part No. - AMO-R020E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMO-1101 ADVANTECH-AMO-1101 Datasheet
1Mb / 3P
Intel Celeron N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
AMO-1101 ADVANTECH-AMO-1101 Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
6-Jan-2021
AMO-1101 ADVANTECH-AMO-1101 Datasheet
1Mb / 3P
Intel® Atom™ E3940 QC SoC With Dual HDMI/ Dual LAN/ Four USB Modular Fanless Box PC
11-Jan-2021
AMO-1101 ADVANTECH-AMO-1101 Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
6-Jan-2021
AMO-2201E ADVANTECH-AMO-2201E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
More results

Similar Description - AMO-R020E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX625-853-FL AXIOMTEK-EBOX625-853-FL_17 Datasheet
269Kb / 1P
Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
EBOX626-853-FL AXIOMTEK-EBOX626-853-FL_17 Datasheet
316Kb / 1P
Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
logo
Advantech Co., Ltd.
ARK-5261 ADVANTECH-ARK-5261 Datasheet
459Kb / 2P
Intel Celeron Processor J1900 Fanless Embedded BOX PC
logo
Adlink Technology Inc.
MXE-1500 ADLINK-MXE-1500 Datasheet
505Kb / 2P
Intel Celeron N3160/ N3060 SoC Fanless Embedded Computer
logo
AAEON Technology
BOXER-6404U AAEON-BOXER-6404U Datasheet
350Kb / 2P
Compact Embedded Box PC with Intel® Celeron® Processor SoC
2022/02/08
BOXER-6405 AAEON-BOXER-6405 Datasheet
309Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron/Pentium™ Processor
BOXER-6614 AAEON-BOXER-6614 Datasheet
520Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® N2930 Quad Core 1.83 GHz/ Celeron® N2807 Dual Core 1.58 GHz
2022/09/14
BOXER-6615 AAEON-BOXER-6615 Datasheet
564Kb / 2P
Fanless Embedded Box PC with Intel® Pentium® N3710, 1.6 GHz
2023/04/13
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-SKLU BCM-EPC-SKLU Datasheet
479Kb / 1P
6th Generation Intel® Core™/ Celeron® Processor Fanless Compact BOX PC
1/2/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com