Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # ZX2
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button ZX2 Datasheet HTML 7Page - Omron Electronics LLC ZX2 Datasheet HTML 8Page - Omron Electronics LLC ZX2 Datasheet HTML 9Page - Omron Electronics LLC ZX2 Datasheet HTML 10Page - Omron Electronics LLC ZX2 Datasheet HTML 11Page - Omron Electronics LLC ZX2 Datasheet HTML 12Page - Omron Electronics LLC ZX2 Datasheet HTML 13Page - Omron Electronics LLC ZX2 Datasheet HTML 14Page - Omron Electronics LLC ZX2 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ZX2
11
Safety Precautions
For details, refer to common precautions, warranty, limitation of liability, and other related information.
Dimensions
Units
This product is not designed or rated for ensuring
safety of persons.
Do not use it for such purposes.
WARNING
Precautions for Correct Use and Other Details
Refer to the “Smart Sensors Laser Displacement Sensors
CMOS Type ZX2 Series User’s Manual” (Cat. No. Z310).
(Unit: mm)
Tolerance class IT16 applies to dimensions in thes data sheet unless otherwise specified.
Reference surface
Reference surface
Range indicator
Laser
warning light
Range indicator
Reference surface
4
Two, 3.2-dia. (Mounting holes)
Emitter
axis
Receiver axis
Emitter axis
6
Vinyl insulated round robot cable, 4.7 dia., 4 conductors
(Conductor cross-section: 0.086 mm2/Insulator diameter: 0.9 mm)
Standard length: 0.5 m, Minimum bending radius: 30 mm
9.7
Emitter center
15.1
10.1
4±0.05
Two, M3
Mounting
reference surface
Mounting
reference surface
4±0.05
43.5±0.05
4.8
4.8
10.5
7
35.3
16.7
(9.7)
L *
27.5
35.5
35.5
7
A*
4
20.9
39.5
47.5
47.5
28.43
29.8
12.6 dia.
31.5±0.05
22.6
22.6
Sensor Heads
ZX2-LD50
ZX2-LD50L
ZX2-LD100
ZX2-LD100L
ZX2-LD50V
* In the case of ZX2-LD50 (L), L=50, A=21
°
In the case of ZX2-LD100 (L), L=100, A=11.5
°
Mounting Dimensions
Note: Attach the enclosed
ferrite core (16.5 dia.,
length: 30 mm) to the
cable within 100 mm
from the Sensor Head.
6.2
4.2
6.1
9.6
Vinyl insulated round cable,5.2 dia., 11 conductors
(Conductor cross-section 0.09 mm2/Insulator diameter: 0.7 mm)
Standard length: 2 m, Minimum bending radius: 30 mm
The analog output line (black) has double shielding and
the diameter of the insulator is 2.3 mm.
11.7
50
15.4
16.6
38.4
38.4 *1
10.9
16.9
47.6
72
72
(when cover open, 84.6)
34.2
20.7
36.8
30
30
18
*2
Note:
Amplifier Units
ZX2-LDA11
ZX2-LDA41
*1. Maximum height when cover open: 56
*2. Minimum length when connected: 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com