Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX2 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # ZX2
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button ZX2 Datasheet HTML 7Page - Omron Electronics LLC ZX2 Datasheet HTML 8Page - Omron Electronics LLC ZX2 Datasheet HTML 9Page - Omron Electronics LLC ZX2 Datasheet HTML 10Page - Omron Electronics LLC ZX2 Datasheet HTML 11Page - Omron Electronics LLC ZX2 Datasheet HTML 12Page - Omron Electronics LLC ZX2 Datasheet HTML 13Page - Omron Electronics LLC ZX2 Datasheet HTML 14Page - Omron Electronics LLC ZX2 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ZX2
14
(32)
22.6
*1 The measurement distance reference position is
the Sensor’s sensing surface.
*1
Mounting Bracket
Nut plate
Phillips screws
Installation Method for Diffuse-reflective Sensor Heads
Using a E39-L178, E39-L179 Mounting Bracket:
Note: When securing the Sensor Head in the
Mounting Bracket, insert the screws
into the side of the Sensor Head where
the warning label is located and secure
the Sensor Head into place.
workpiece
* ZX2-LD50 (L): 50
ZX2-LD100 (L): 100
Measurement
center distance
39.5±0.05
4.0
±0.05
31.5
±0.05
L
*
Not Using a Mounting Bracket:
Mount the Sensor Head in relation to the workpiece as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com