Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPQ142 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPQ142
Description  145 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ142 Datasheet(HTML) 1 Page - Astec America, Inc

  LPQ142 Datasheet HTML 1Page - Astec America, Inc LPQ142 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
110
Special Features
Electrical Specs
rev 08.24.04
145 Watts
LPQ142 Series
Total Power:
110-145 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Quad
• Active power factor correction
• IEC EN61000-3-2 compliance
• Adjustable outputs on 1, 3 & 4
Remote sense on main output
• Single wire current sharing
• Power fail and remote inhibit
• Built-in EMI filter
• Low output ripple
• Overvoltage protection
• Overload protection
• Thermal overload protection
• Adjustable floating 4th output
• Optional cover (-C suffix)
• Optional fan cover (-CF suffix)
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from
50° to 70°C
Electromagnetic susceptibility: designed to meet
EN61000-4, -2, -3, -4, -5, -6, -8, -11, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ± .04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
Input
Input range
85-264 VAC, 120-300 VDC
Frequency
47-63 Hz
Inrush current
38 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
Meets FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Power factor
0.99 typical
Safety ground leakage
current
1.0 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
80 W convection (60 W with cover-C)
145 W with 30 CFM forced air
(100 W with cover-C)
Adjustment range
3.3 - 5.5V on main; -12 - 15V on 3rd
output 3.3 - 25 V on 4th output
Hold-up time
20 ms @145 W load at nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145%
above peak rating
Overvoltage protection
Tracks outputs 1, 3 & 4; 10 to 35%
Logic Control
AC Power failure
TTL logic signal goes high 100 - 500
msec after V1 output; It goes low at least
4 msec before loss of regulation
Remote inhibit
TTL High disables output. Contact
closure causes outputs to "bounce"
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection
protected.
DC-OK
TTL logic signal goes high after main
output is in regulation. It goes low when
there is a loss of regulation
VDE
60950
UL
60950
CB
Certificate and report
CSA
60950
CE
Mark (LVD)
NEMKO
EN 60950/EMKO-TUE
Environmental
Safety


Similar Part No. - LPQ142

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142 EMERSON-NETWORKPOWER-LPQ142 Datasheet
671Kb / 3P
Active power factor correction
logo
Artesyn Technologies
LPQ142 ARTESYN-LPQ142 Datasheet
643Kb / 3P
Total Power: 110 - 145 Watts
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
Embedded Power for Business-Critical Continuity
More results

Similar Description - LPQ142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
2/04-Data Sheet Changed from Rev. D to Rev. E.
logo
GHz Technology
JTDA150A GHZTECH-JTDA150A Datasheet
267Kb / 3P
145 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
logo
Analog Devices
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
logo
TAI-SAW TECHNOLOGY CO.,...
TB0403A TAI-SAW-TB0403A Datasheet
435Kb / 6P
IF SAW Filter 145 MHz (SMD 13.3mmX6.5mm)
logo
Artesyn Technologies
LPQ142 ARTESYN-LPQ142 Datasheet
643Kb / 3P
Total Power: 110 - 145 Watts
logo
Xilinx, Inc
XCR3064XL-7VQ44I XILINX-XCR3064XL-7VQ44I Datasheet
96Kb / 9P
System frequencies up to 145 MHz
logo
Exxelia Group
ALSIC14520G EXXELIA-ALSIC14520G Datasheet
587Kb / 11P
2 000 h / 145°C
Revision 01/19
PRORELSIC145 EXXELIA-PRORELSIC145 Datasheet
610Kb / 13P
2 000 h / 145°C
Revision 01/19
logo
Leach International Cor...
ZG-X0X LEACH-ZG-X0X Datasheet
1,017Kb / 9P
POWER CONTACTOR 145 AMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com