Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPQ142 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPQ142
Description  145 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ142 Datasheet(HTML) 2 Page - Astec America, Inc

  LPQ142 Datasheet HTML 1Page - Astec America, Inc LPQ142 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
111
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load
P/P(PARD)3
LPQ142
5 V (3.3 - 5.5 V)
0 A
12 A
25 A
27 A
±2%
50 mV
12 V
0 A
5 A
6 A
9 A
±3%
120 mV
-12 V (-12 -15 V)
0 A
1 A
1.5 A
2 A
±3%
<1%
±3.3-25 V
0.5 A
1.5 A
4.5 A
5 A
±3%
<50mV or 1%
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. 4th output adjustable 3.3-25 V factory set at 5 V.
5. *Minimum loads are required when output set below 5 Volts
6. Remote inhibit resets OVP latch
Note: -C suffix added to the model number indicates cover option.
-CF suffix added to the model number indicates fan cover option.
(4X) 63.5
1.5
(38.1)
(3X) 19.1
29.1
161.5
171.5
7.0
(177.8)
(2X) 6.4
(2X) 119.6
(2X) 139.7
SK1
N
L
GND
SK6
SK2
MAIN
OUTPUT
4.00
(101.6)
M3
#6-32
#6-32
M3
#6-32 (8 places)
M3 (8 places)
+12V OUT
COMM
-12V OUT
COMM
V4+
V4-
-CF option
Connector
LPQ142
SK1
PIN 1
GROUND
PIN 3
NEUTRAL
PIN 5
LINE
SK2
PIN 1
+12 V
PIN 2
COMMON
PIN 3
-12 V
PIN 4
COMMON
PIN 5
+5 V to +25 V (Float)
PIN 6
COMMON (Float)
SK4
TB-1
COMMON
TB-2
+5 V
SK6
PIN 1
N/C
PIN 2
DC OK
PIN 3
N/C
PIN 4
V1 SWP
PIN 5
Common
PIN 6
+V1 sense
PIN 7
Sense common
PIN 8
+ inhibit
PIN 9
- inhibit
PIN 10
Power fail
Mating Connectors
(SK1) AC Input:
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS: 08-58-0111
(SK2) Aux DC Output:
Molex 09-50-8061 (USA)
Molex 09-91-0600 (UK)
PINS: 08-58-0111
(SK6) Control Signals:
Molex 90142-0010 (USA)
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
(SK4) Main output:
Molex BB-124-08
Astec connector kit #70-841-017, includes al of the above.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02”.
3. Specifications are for convection rating at factory settings unless
otherwise stated.
4. Mounting screw maximum insertion depth is 0.12”.
5. Warranty: 1 year
6. Weight: 1.63 lb / 0.74 kg
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com