Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9468 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 4 Page - Diodes Incorporated

  AM9468 Datasheet HTML 1Page - Diodes Incorporated AM9468 Datasheet HTML 2Page - Diodes Incorporated AM9468 Datasheet HTML 3Page - Diodes Incorporated AM9468 Datasheet HTML 4Page - Diodes Incorporated AM9468 Datasheet HTML 5Page - Diodes Incorporated AM9468 Datasheet HTML 6Page - Diodes Incorporated AM9468 Datasheet HTML 7Page - Diodes Incorporated AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
4 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
Absolute Maximum Ratings (Note 6) @TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Rating
Unit
VDD_MAX
Maximum Supply Voltage (Note 7)
24
V
VREVERSE
Reverse Supply Voltage on All Pins
-0.3
V
VPWM_MAX
Maximum Voltage on Logic PWM Pin
7
V
IOUT(PEAK)
Maximum Output Current (Peak)
1,200
mA
IOUT(CONT)
Maximum Continuous Current
500
mA
IRD
Maximum RD Output Current
5
mA
VRD
Maximum RD Voltage
24
V
IFG
Maximum FG Output Current
5
mA
VFG
Maximum FG Voltage
24
V
IHB
Maximum HB Output Current
10
mA
PD
Power Dissipation (Notes 8 & 9)
TSSOP-16
1,610
mW
TSTG
Storage Temperature Range
-65 to +150
oC
TJ
Maximum Junction Temperature
+150
C
ESD HBM
Human Body Model ESD Capability
4
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 24V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate
the device at the absolute maximum rated conditions for any period of time.
8. For thermal de-rating curves under different PCB sizes and layout conditions, see thermal performance section.
9. AM9468 exposed pad soldered to minimum recommended landing pads (see Package Outline Dimension section) on 3inch x 4.5inch four-layer
2oz.copper glass epoxy PCB (1.6mm thickness), calculated in accordance with JESD 51-7. See thermal performance section.
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
VDD
Supply Voltage When The Device Is
Operating Normally With All Circuits Active
Operating; All circuits active
2.4
18
V
VICM
Hall Input Common-Mode Input Voltage
Range
0.3
V5VREG -1.5V
V
VCONTIN
VCONT Input Voltage Range
0.3
V5VREG
V
VRMIN
RMI Input Voltage Range
0.3
V5VREG
V
TA
Operating Temperature Range
Operating
-40
+105
C
Electrical Characteristics (Note 10) (@TA = +25°C, V
DD = 12V, unless otherwise specified.)
Symbol
Characteristics
Conditions
Min
Typ
Max
Unit
IDD
Supply Current
2.5
4.0
mA
VOV_TH
Over Voltage Protection Threshold for
Shutdown to Standby Mode
Voltage increasing
19.5
20.5
21.5
V
VOV_RLTH
Over Voltage Release Threshold
Voltage decreasing
18.3
19.5
20.5
V
Note:
10. Typical data is measured at TA = +25C, VDD = 12V. The maximum and minimum parameters values over operating temperature range are not tested in
production, they are guaranteed by design, characterization and process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com