Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9468 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated AM9468 Datasheet HTML 10Page - Diodes Incorporated AM9468 Datasheet HTML 11Page - Diodes Incorporated AM9468 Datasheet HTML 12Page - Diodes Incorporated AM9468 Datasheet HTML 13Page - Diodes Incorporated AM9468 Datasheet HTML 14Page - Diodes Incorporated AM9468 Datasheet HTML 15Page - Diodes Incorporated AM9468 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
13 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
Thermal Performance
TSSOP-16 Power Dissipation De-rating Curve 1 (Note 13)
TA (C)
-40
0
25
50
60
70
80
85
90
95
100
105
110
120
125
130
140
150
PD (mW) 3,520 3,520 3,520 2,816 2,534 2,253 1,971 1,830 1,690 1,549 1,408 1,267 1,126
845
704
563
282
0
Note 13:
TSSOP-16 is soldered on FR-4 substrate 4-layer 1.6mm thickness PCB board, calculated in accordance with JESD 51-7.
TSSOP-16 Power Dissipation De-rating Curve 2 (Note 14)
TA (C)
-40
0
25
50
60
70
80
85
90
95
100
105
110
120
125
130
140
150
PD (mW) 2,090 2,090 2,090 1,672 1,505 1,338 1,170 1,087 1,003
920
836
752
669
502
418
334
167
0
Note 14:
TSSOP-16 is soldered to the circular PCB diameter
1.2” with the center circular cutout diameter of 0.53”. The Hall element space cut-out is 0.12”x0.08”. 2-
layer 2oz.copper FR-4 PCB (1.6mm thickness) with partial copper flood on the bottom layer.
TSSOP-16 Thermal Derating Curve
TSSOP-16 Thermal Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com