Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D131 Datasheet(PDF) 19 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 19 Page - Microchip Technology

Back Button D131 Datasheet HTML 15Page - Microchip Technology D131 Datasheet HTML 16Page - Microchip Technology D131 Datasheet HTML 17Page - Microchip Technology D131 Datasheet HTML 18Page - Microchip Technology D131 Datasheet HTML 19Page - Microchip Technology D131 Datasheet HTML 20Page - Microchip Technology D131 Datasheet HTML 21Page - Microchip Technology D131 Datasheet HTML 22Page - Microchip Technology D131 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 19
PIC24FJ256GA705 FAMILY
FIGURE 1-1:
PIC24FJ256GA705 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode and
Control
16
PCH
16
Program Counter
16-Bit ALU
23
24
Data Bus
Inst Register
16
Divide
Support
Inst Latch
16
EA MUX
16
16
8
Interrupt
Controller
EDS and
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
Address Latch
Extended Data
Data Latch
16
Address Bus
Literal
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
OSCI/CLKI
OSCO/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
HLVD &
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulators
Voltage
VCAP
PORTA(1)
PORTC(1)
(12 I/Os)
(8 I/Os)
PORTB
(16 I/Os)
Note 1:
Not all I/O pins or features are implemented on all device pinout configurations. See Table 1-3 for specific implementations by pin count.
2:
BOR functionality is provided when the on-board voltage regulator is enabled.
3:
Some peripheral I/Os are only accessible through remappable pins.
Comparators(3)
Timer2/3(3)
Timer1
RTCC
IC
A/D
12-Bit
OC/PWM
SPI
I2C1-2
EPMP/PSP
1-3(3)
IOCs(1)
UART
REFO
1-3(3)
1-2(3)
1-3(3)
CTMU
Space
Program Memory/
CLC1-2(1)
DMA
Controller
Data
DMA
Data Bus
16
Table Data
Access Control
MCCP1/2/3
PCL
BOR(2)
Read AGU
Write AGU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com