Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D131 Datasheet(PDF) 47 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 47 Page - Microchip Technology

Back Button D131 Datasheet HTML 43Page - Microchip Technology D131 Datasheet HTML 44Page - Microchip Technology D131 Datasheet HTML 45Page - Microchip Technology D131 Datasheet HTML 46Page - Microchip Technology D131 Datasheet HTML 47Page - Microchip Technology D131 Datasheet HTML 48Page - Microchip Technology D131 Datasheet HTML 49Page - Microchip Technology D131 Datasheet HTML 50Page - Microchip Technology D131 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 47
PIC24FJ256GA705 FAMILY
TABLE 4-4:
SFR MAP: 0000h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
CPU CORE
INTERRUPT CONTROLLER (CONTINUED)
WREG0
0000
0000
IEC1
009A
0000
WREG1
0002
0000
IEC2
009C
0000
WREG2
0004
0000
IEC3
009E
0000
WREG3
0006
0000
IEC4
00A0
0000
WREG4
0008
0000
IEC5
00A2
0000
WREG5
000A
0000
IEC6
00A4
0000
WREG6
000C
0000
IEC7
00A6
0000
WREG7
000E
0000
IPC0
00A8
4444
WREG8
0010
0000
IPC1
00AA
4444
WREG9
0012
0000
IPC2
00AC
4444
WREG10
0014
0000
IPC3
00AE
4444
WREG11
0016
0000
IPC4
00B0
4444
WREG12
0018
0000
IPC5
00B2
4404
WREG13
001A
0000
IPC6
00B4
4444
WREG14
001C
0000
IPC7
00B6
4444
WREG15
001E
0800
IPC8
00B8
0044
SPLIM
0020
xxxx
IPC9
00BA
4444
PCL
002E
0000
IPC10
00BC
4444
PCH
0030
0000
IPC11
00BE
4444
DSRPAG
0032
0000
IPC12
00C0
4444
DSWPAG
0034
0000
IPC13
00C2
0440
RCOUNT
0036
xxxx
IPC14
00C4
4400
SR
0042
0000
IPC15
00C6
4444
CORCON
0044
0004
IPC16
00C8
4444
DISICNT
0052
xxxx
IPC17
00CA
4444
TBLPAG
0054
0000
IPC18
00CC
0044
INTERRUPT CONTROLLER
IPC19
00CE
0040
INTCON1
0080
0000
IPC20
00D0
4440
INTCON2
0082
8000
IPC21
00D2
4444
INTCON4
0086
0000
IPC22
00D4
4444
IFS0
0088
0000
IPC23
00D6
4400
IFS1
008A
0000
IPC24
00D8
4444
IFS2
008C
0000
IPC25
00DA
0440
IFS3
008E
0000
IPC26
00DC
0400
IFS4
0090
0000
IPC27
00DE
4440
IFS5
0092
0000
IPC28
00E0
4444
IFS6
0094
0000
IPC29
00E2
0044
IFS7
0096
0000
INTTREG
00E4
0000
IEC0
0098
0000
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com