Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D131 Datasheet(PDF) 344 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 344 Page - Microchip Technology

Back Button D131 Datasheet HTML 340Page - Microchip Technology D131 Datasheet HTML 341Page - Microchip Technology D131 Datasheet HTML 342Page - Microchip Technology D131 Datasheet HTML 343Page - Microchip Technology D131 Datasheet HTML 344Page - Microchip Technology D131 Datasheet HTML 345Page - Microchip Technology D131 Datasheet HTML 346Page - Microchip Technology D131 Datasheet HTML 347Page - Microchip Technology D131 Datasheet HTML 348Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 344
 2016-2018 Microchip Technology Inc.
29.5
Program Verification and
Code Protection
PIC24FJ256GA705
family
devices
offer
basic
implementation of CodeGuard™ Security that supports
General Segment (GS) security and Boot Segment
(BS) security. This feature helps protect individual
intellectual property.
29.6
JTAG Interface
PIC24FJ256GA705 family devices implement a JTAG
interface, which supports boundary scan device
testing.
29.7
In-Circuit Serial Programming
PIC24FJ256GA705 family microcontrollers can be seri-
ally programmed while in the end application circuit. This
is simply done with two lines for clock (PGCx) and data
(PGDx), and three other lines for power (VDD), ground
(VSS) and MCLR. This allows customers to manufacture
boards with unprogrammed devices and then program
the microcontroller just before shipping the product. This
also allows the most recent firmware or a custom
firmware to be programmed.
29.8
Customer OTP Memory
PIC24FJ256GA705 family devices provide 256 bytes of
One-Time-Programmable (OTP) memory, located at
addresses, 801700h through 8017FEh. This memory
can be used for persistent storage of application-specific
information that will not be erased by reprogramming the
device. This includes many types of information, such as
(but not limited to):
• Application checksums
• Code revision information
• Product information
• Serial numbers
• System manufacturing dates
• Manufacturing lot numbers
PIC24FJ256GA705 family devices provide 256 bytes
of One-Time-Programmable (OTP) memory, and this
OTP memory can be written by program execution(i.e.,
TBLWT instructions) and during device programming.
Data is not cleared by a chip erase.
29.9
In-Circuit Debugger
This function allows simple debugging functions when
used with MPLAB® IDE. Debugging functionality is
controlled through the PGCx (Emulation/Debug Clock)
and PGDx (Emulation/Debug Data) pins.
To use the in-circuit debugger function of the device,
the design must implement ICSP™ connections to
MCLR, VDD, VSS and the PGCx/PGDx pin pair, desig-
nated by the ICS<1:0> Configuration bits. In addition,
when the feature is enabled, some of the resources are
not available for general use. These resources include
the first 80 bytes of data RAM and two I/O pins.
Note:
For more information on usage, configura-
tion and operation, refer to the “dsPIC33/
PIC24
Family
Reference
Manual”,
“CodeGuard™ Intermediate Security”
(DS70005182).
Note:
Data in the OTP memory section MUST
NOT be programmed more than once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com