Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D131 Datasheet(PDF) 105 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 105 Page - Microchip Technology

Back Button D131 Datasheet HTML 101Page - Microchip Technology D131 Datasheet HTML 102Page - Microchip Technology D131 Datasheet HTML 103Page - Microchip Technology D131 Datasheet HTML 104Page - Microchip Technology D131 Datasheet HTML 105Page - Microchip Technology D131 Datasheet HTML 106Page - Microchip Technology D131 Datasheet HTML 107Page - Microchip Technology D131 Datasheet HTML 108Page - Microchip Technology D131 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 105
PIC24FJ256GA705 FAMILY
REGISTER 9-5:
OSCFDIV: OSCILLATOR FRACTIONAL DIVISOR REGISTER(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TRIM<0:7>
bit 15
bit 8
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
TRIM8
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
TRIM<0:8> Trim bits
Provides fractional additive to the DIV<14:0> bits value for the 1/2 period of the oscillator clock.
0000_0000_0 = 0/512 (0.0) divisor added to DIVx value
0000_0000_1 = 1/512 (0.001953125) divisor added to DIVx value
0000_0001_0 = 2/512 (0.00390625) divisor added to DIVx value
•
•
•
100000000
= 256/512 (0.5000) divisor added to DIVx value
•
•
•
1111_1111_0 = 510/512 (0.99609375) divisor added to DIVx value
1111_1111_1 = 511/512 (0.998046875) divisor added to DIVx value
bit 6-0
Unimplemented: Read as ‘0’
Note 1:
TRIMx values greater than zero are ONLY valid when DIVx values are greater than zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com