Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0147 Datasheet(PDF) 31 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 31 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 27Page - Microchip Technology DS0147 Datasheet HTML 28Page - Microchip Technology DS0147 Datasheet HTML 29Page - Microchip Technology DS0147 Datasheet HTML 30Page - Microchip Technology DS0147 Datasheet HTML 31Page - Microchip Technology DS0147 Datasheet HTML 32Page - Microchip Technology DS0147 Datasheet HTML 33Page - Microchip Technology DS0147 Datasheet HTML 34Page - Microchip Technology DS0147 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
Table 25 • Industrial Speed Grades (TJ –40 °C–100 °C)
Units
–1
Max
–1
Min
STD
Max
STD
Min
Symbol
Parameter
MHz
667
600
FE51CPUCLK
Maximum E51
CPU clock fre-
quency
MHz
667
600
FU54CPUCLK
Maximum U54
CPU clock fre-
quency
MHz
667/2
300
FAXICLK
AXI Intercon-
nect maximum
clock frequency
MHz
667/4
150
FAHBCLK
AHB bus maxi-
mum clock fre-
quency
MHz
667/4
150
FAPBCLK
APB bus maxi-
mum clock fre-
quency
µS
6
6
FLOCKMSSPLL
MSS PLL maxi-
mum lock time
MHz
667
600
FMSSPLLMAX
MSS PLL maxi-
mum outut fre-
quency
MHz
100
100
FMSSPLLMIN
MSS PLL mini-
mum outut fre-
quency
MHz
2000
2000
FMSSVCOMAX
MSS PLL maxi-
mum VCO fre-
quency
MHz
800
800
FMSSVCOMIN
MSS PLL mini-
mum VCO fre-
quency
Table 26 • MSS Input Clock
Unit
Max
Min
Symbol
Parameter
ps
TRMSMSSCLK
RMS clock jitter
ps
1000
TP2PMSSCLK
Period jitter peak-to-
peak (over 10,000 cy-
cles)
%
75
25
FDCMSSREFCLK
Reference clock frequen-
cy duty cycle
ns
FMSSREFCLK
Reference clock rise
time (20%–80%) and fall
time (80%–20%)
27
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com