Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250T Datasheet(PDF) 24 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 24 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 20Page - Microchip Technology MPFS250T Datasheet HTML 21Page - Microchip Technology MPFS250T Datasheet HTML 22Page - Microchip Technology MPFS250T Datasheet HTML 23Page - Microchip Technology MPFS250T Datasheet HTML 24Page - Microchip Technology MPFS250T Datasheet HTML 25Page - Microchip Technology MPFS250T Datasheet HTML 26Page - Microchip Technology MPFS250T Datasheet HTML 27Page - Microchip Technology MPFS250T Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Table 3-5. Processor-to-Fabric Interconnect
Interface
Type
Width
MSS to Fabric
Fabric to MSS
DLL
FIC_0
AXI4
64b
Yes
Yes
Yes
FIC_1
AXI4
64b
Yes
Yes
Yes
FIC_2
AXI4
64b
No
Yes
Yes
FIC_3
APB
32b
Yes
No
Yes
3.7
Secure Boot
PolarFire SoC comes with two secure boot options. For the default PolarFire SoC secure boot method, the system
controller will copy the Microchip secure boot loader from its private, secure memory area and load it into the 8 KB
DTIM of the E51 monitor core. Reset will be released to the CPUs and the boot code will start executing. The default
secure boot loader will perform a signature check on the 128 KB eNVM then run a hash on the eNVM image. If no
errors are reported, the code will jump to the eNVM. If errors are reported, the system controller will activate a tamper
alarm that asserts a signal to the FPGA fabric. Users can then decide on a plan of action.
The second secure boot method allows users to place their own boot code in the secure non-volatile memory
(sNVM) area of the chip. The sNVM is a 56 KB nonvolatile memory that can be protected by the built-in Physically
Unclonable Function (PUF), meaning the unique PUF ID can serve as an initialization vector for an AES encrypt/
decrypt operation performed by the side-channel resistant system controller co-processor. On power-up, the system
controller will decrypt and copy the user code from sNVM and write it to the E51 monitor core DTIM. From there, your
custom secure boot loader starts executing.
3.8
Peripheral Memory SECDED Reporting and Error Injection
The Gigabit Ethernet MACs, the MMC 5.1 controller, the USB OTG controller, the CAN controllers, the crypto
core and memory in the built-in MSS DDR controller are protected with by single-error correct, double-error detect
(SECDED) error correction code (ECC) subsystem, which adds 7 bits to 32-bit memories and 8 bits to 64-bit
memories. The memories within the CPU system have their own ECC control and reporting systems. The external
DDR memory supports optional ECC (using a fifth DDR bank). Each MSS internal memory system has its own set
of control and status registers, which consists of a status, interrupt enable, count, and error injection registers. When
a two-bit error is detected, the data will not be corrected. If the data is being read over an internal AMBA bus, the
system will respond with an APB, AHB, or AXI error response marking the data as corrupted. If the interrupt is
enabled, an interrupt will also be generated. If the data is not being read over an AMBA bus like USB, CAN, Ethernet
transmit data then corrupted data will be transmitted, and an interrupt generated. The system can then respond to
the bus error event or interrupt and take the appropriate recovery action. ECC error injection is supported to ease
customer validation of the error correcting subsystem. Data may be written with 1-, 2-, or 3-bit errors by setting the
appropriate EDAC error injection control registers.
3.9
DMA Controller
The PolarFire SoC MSS Direct Memory Access (DMA) controller supports up to 4 channels of independent
simultaneous transfers. Each channel has its own set of control registers and two interrupts, complete and error.
Bus transaction sizes are programmable and the transactions can be auto-loaded into the DMA engine. The DMA
engine works in conjunction with hart software services (firmware running on the E51).
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com