Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250T Datasheet(PDF) 14 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 14 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 10Page - Microchip Technology MPFS250T Datasheet HTML 11Page - Microchip Technology MPFS250T Datasheet HTML 12Page - Microchip Technology MPFS250T Datasheet HTML 13Page - Microchip Technology MPFS250T Datasheet HTML 14Page - Microchip Technology MPFS250T Datasheet HTML 15Page - Microchip Technology MPFS250T Datasheet HTML 16Page - Microchip Technology MPFS250T Datasheet HTML 17Page - Microchip Technology MPFS250T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
3.1.2.10.2 U54 Memory Error Reporting
ECC events are reported by the Bus-Error Unit (BEU) for a given core. The BEU can be configured to generate
interrupts either globally to the Platform Level Interrupt Controller (PLIC), or locally to the specific part where the ECC
event occurred. When BEU interrupts are enabled, software can then be used to monitor and count ECC events.
In order to detect uncorrectable ECC errors in the L1 memory system, interrupts must be enabled in the BEU.
Specifically, to halt execution of a core when an uncorrectable instruction is detected, the BEU must be configured
to generate a local interrupt. Uncorrectable ECC errors in the L1 system are also reported to the FPGA fabric as a
HALT_CPU_n signal, where n = 0 –5 and n = 1 through 5 = the U54 application cores.
3.1.3
Physical Memory Protection
Each CPU in PolarFire SoC includes a physical memory protection (PMP) unit compliant with the RISC-V Instruction
Set Manual, Volume II: Privileged Architecture, Version 1.10. The PMP unit can be used to set memory access
privileges (read, write, execute) for specified memory regions. Each PMP supports 16 regions with a minimum region
size of 4 bytes.
3.1.3.1
Functional Description
PolarFire SoC includes a Physical Memory Protection (PMP) unit, which can be used to restrict access to memory
and isolate processes from each other. The PMP unit has 16 regions and a minimum granularity of 4 bytes. It is
permitted to have overlapping regions. The PolarFire SoC PMP unit implements the architecturally defined pmpcfgX
CSRs pmpcfg0 and pmpcfg2 supporting 16 regions. pmpcg1 and pmpcfg3 are implemented but hardwired to zero.
3.1.3.2
Region Locking
The PMP allows for region locking whereby once a region is locked, further writes to the configuration and address
registers are ignored. Locked PMP entries may only be unlocked with a system reset. A region may be locked by
setting the L bit in the pmpicfg register. In addition to locking the PMP entry, the L bit indicates whether the R/W/X
permissions are enforced on M-Mode accesses. When the L bit is set, these permissions are enforced for all privilege
modes. When L bit is clear, the R/W/X restrictions apply only to U-mode.
3.2
Debug
3.2.1
CPU Debug
Each CPU has up to ten breakpoint registers. Breakpoints can halt the respective CPU under the following
conditions.
• Address match on Load
• Address match on Store
• Address match on Instruction Fetch
• Address match on User mode
• Address match on Supervisor mode
• Address match on Machine mode
A successful match on address can generate an exception or place the machine into debug mode.
3.2.2
Trace
PolarFire SoC includes an Instruction trace interface module. For each core, the following can be captured when an
instruction is retired or trapped and trace is enabled.
• The address of the instruction
• The instruction
• Privileged mode during execution
• Trap or retired indication
• Interrupt or exception indication
• Exception cause
• Exception data
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com