Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TLS-1FCG484E Datasheet(PDF) 44 Page - Microchip Technology

Part # MPFS250TLS-1FCG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCG484E Datasheet(HTML) 44 Page - Microchip Technology

Back Button MPFS250TLS-1FCG484E Datasheet HTML 40Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 41Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 42Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 43Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 44Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 45Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 46Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 47Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
9.
PolarFire SoC Device Offerings
PolarFire SoC FPGAs offer low-power transceiver design security and low-power data security. All PolarFire SoC
devices are integrated with multi-protocol industry-leading low-power transceivers. Low power (L) devices provide up
to 35 percent lower static power.
The following table lists the extended commercial and industrial PolarFire SoC offerings using the MPFS250T as
an example. The MPFS025T, MPFS095T, MPFS160T, and MPFS460T device densities have identical offerings.
Temperatures listed are junction temperatures.
Table 9-1. PolarFire SoC Offerings
Device
Options
Extended
Commercial
Temperature
(E)
0 °C–100 °C
Industrial
Temperature
(I)
–40 °C–100 °C
STD
Speed
Grade
–1 Speed
Grade
Transceivers
(T)
Lower
Static
Power
(L)
Data
Security
(S)
MPFS250T
Yes
Yes
Yes
Yes
Yes
—
—
MPFS250TL
Yes
Yes
Yes
—
Yes
Yes
—
MPFS250TS
—
Yes
Yes
Yes
Yes
—
Yes
MPFS250TLS
—
Yes
Yes
—
Yes
Yes
Yes
The following table lists the PolarFire SoC FPGA export classification using the MPFS250T as an example. The
MPFS025T, MPFS095T, MPFS160T, and MPFS460T device densities have identical classifications. This table is
applicable to extended commercial and industrial temperature grade devices.
Table 9-2. Export Classification
Device Option
Temperature Grade
ECCN
MPFS250T/TL/TS/TLS
Extended Commercial, Industrial
5A992.c
PolarFire SoC Device Offerings
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com