Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TLS-1FCG484E Datasheet(PDF) 9 Page - Microchip Technology

Part # MPFS250TLS-1FCG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCG484E Datasheet(HTML) 9 Page - Microchip Technology

Back Button MPFS250TLS-1FCG484E Datasheet HTML 5Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 6Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 7Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 8Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 9Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 10Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 11Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 12Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
...........continued
Features
MPFS025T
MPFS095T
MPFS160T
MPFS250T
MPFS460T
Packaging
Type/Size/
Pitch
MSS IO/HSIO/GPIO/XCVRs
FCSG325
(11x11,
11x14.5*, 0.5
mm)
102/32/48/2
102/32/48/2
—
—
—
FCSG536
(16x16, 0.5
mm)
—
136/60/108/4
136/60/108/4
136/60/108/4
—
FCVG484
(19x19, 0.8
mm)
136/60/48/4
136/60/48/4
136/60/84/4
136/60/84/4
—
FCVG784
(23x23, 0.8
mm)
—
136/144/132/4 136/144/168/8 136/144/180/8
—
FCG1152
(35x35, 1.0
mm)
—
—
—
136/144/228/16 136/180/288/20
Notes: 
1.
Devices in the same package type are pin compatible.
2.
Extended Commercial and Industrial temperature grade devices are available in Green RoHS packages.
Product Family Table
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com