Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8919 Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8919
Description  3-phase Sensor-less Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8919 Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM8919 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AM8919
Motor Driver ICs
http://www.amtek-semi.com
JJu
ull.. 2
20
01
14
4 V
V1
1..1
11
1
Specifications subject to change without notice
- 9 -
11) Current limiter
Current limiter voltage setting is 0.25V. Connect resistance to ground to determine the current
limit value. The resistance path needs wider and ground side make shorter to GND.
The formula is RNF=0.25V/current limit target. (0.25Ω=0.25V/1A)
12) Soft start function
The motor could be smoothly start-up when Soft start pin connecting a capacitor to ground.
The function release when the voltage reaches 2.0V or more. If the soft start function is not
used, keeps this pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com