Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8919 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8919
Description  3-phase Sensor-less Fan Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8919 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM8919 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8919 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AM8919
Motor Driver ICs
http://www.amtek-semi.com
JJu
ull.. 2
20
01
14
4 V
V1
1..1
11
1
Specifications subject to change without notice
- 3 -
Block Diagram
Fig.1 Block diagram
Pin Description
PIN No Pin Name
Function
PIN No Pin Name
Function
1
CSOFT Soft start time setting terminal
10
NC
No connection
2
F/R
Forward and Reverse control terminal
11
W
W phase output terminal
3
VREG
Regulator voltage output terminal
12
V
V phase output terminal
4
VCC
Power supply terminal
13
NC
No connection
5
VM
Output supply terminal
14
GND
Ground terminal
6
COM
Motor center tap voltage input terminal
15
OSC
Start-up frequency output terminal
7
U
U phase output terminal
16
PWM
PWM signal input terminal
8
NC
No connection
17
FG
FG signal output terminal
9
RNF
output current detection terminal
18
RD
RD signal output terminal
E-pad
PG
Power ground terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com