Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01C Datasheet(PDF) 33 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 33 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 29Page - Microchip Technology AT24C01C Datasheet HTML 30Page - Microchip Technology AT24C01C Datasheet HTML 31Page - Microchip Technology AT24C01C Datasheet HTML 32Page - Microchip Technology AT24C01C Datasheet HTML 33Page - Microchip Technology AT24C01C Datasheet HTML 34Page - Microchip Technology AT24C01C Datasheet HTML 35Page - Microchip Technology AT24C01C Datasheet HTML 36Page - Microchip Technology AT24C01C Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
(c)
L
L1
θ
VIEW A-A
SHEET 1
protrusions shall not exceed 0.25mm per side.
1.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
2.
Foot Angle
Number of Leads
Pitch
Outside lead pitch
Overall Height
Molded Package Thickness
Standoff
Overall Width
Molded Package Width
Overall Length
Foot Length
Footprint
Lead Thickness
Lead Width
Notes:
L1
θ
b
c
Dimension Limits
E
E1
D
L
e1
A
A2
A1
Units
N
e
0.08
0.30
-
-
-
0.20
0.50
MILLIMETERS
0.95 BSC
1.90 BSC
0.30
-
0.70
-
0.60 REF
2.90 BSC
-
2.80 BSC
1.60 BSC
0.90
-
-
MIN
5
NOM
1.10
1.00
0.10
0.60
MAX
REF: Reference Dimension, usually without tolerance, for information purposes only.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-21344 Rev B Sheet 2 of 2
5-Lead Plastic Thin Small Outline Transistor (NMB) [TSOT]
Atmel Legacy Global Package Code TSZ
AT24C01C/AT24C02C
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com