Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01C Datasheet(PDF) 10 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 10 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 6Page - Microchip Technology AT24C01C Datasheet HTML 7Page - Microchip Technology AT24C01C Datasheet HTML 8Page - Microchip Technology AT24C01C Datasheet HTML 9Page - Microchip Technology AT24C01C Datasheet HTML 10Page - Microchip Technology AT24C01C Datasheet HTML 11Page - Microchip Technology AT24C01C Datasheet HTML 12Page - Microchip Technology AT24C01C Datasheet HTML 13Page - Microchip Technology AT24C01C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
...........continued
Parameter
Symbol
Minimum
Typical(1)
Maximum
Units
Test Conditions
Input
Leakage
Current
ILI
0.10
3.0
μA
VIN = VCC or GND
Output
Leakage
Current
ILO
0.05
3.0
μA
VOUT = VCC or GND
Input Low
Level
VIL
-0.6
VCC x 0.3
V
Note 2
Input High
Level
VIH
VCC x 0.7
VCC + 0.5
V
Note 2
Output Low
Level
VOL1
0.2
V
VCC = 1.7V, IOL = 0.15 mA
Output Low
Level
VOL2
0.4
V
VCC = 3.0V, IOL = 2.1 mA
Note: 
1.
Typical values characterized at TA = +25°C unless otherwise noted.
2.
This parameter is characterized but is not 100% tested in production.
4.4
AC Characteristics
Table 4-3. AC Characteristics(1)
Parameter
Symbol
Fast Mode
Fast Mode Plus
Units
VCC = 1.7V to 2.5V
VCC = 2.5V to 5.5V
Min.
Max.
Min.
Max.
Clock Frequency,
SCL
fSCL
400
1000
kHz
Clock Pulse Width
Low
tLOW
1,200
500
ns
Clock Pulse Width
High
tHIGH
600
400
ns
Input Filter Spike
Suppression
tI
100
50
ns
Clock Low to Data
Out Valid
tAA
100
900
50
450
ns
Bus Free Time
between Stop and
Start
tBUF
1,200
500
ns
Start Hold Time
tHD.STA
600
250
ns
Start Set-Up Time
tSU.STA
600
250
ns
Data In Hold Time
tHD.DAT
0
0
ns
AT24C01C/AT24C02C
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com