Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C02C Datasheet(PDF) 6 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 6 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 2Page - Microchip Technology AT24C02C Datasheet HTML 3Page - Microchip Technology AT24C02C Datasheet HTML 4Page - Microchip Technology AT24C02C Datasheet HTML 5Page - Microchip Technology AT24C02C Datasheet HTML 6Page - Microchip Technology AT24C02C Datasheet HTML 7Page - Microchip Technology AT24C02C Datasheet HTML 8Page - Microchip Technology AT24C02C Datasheet HTML 9Page - Microchip Technology AT24C02C Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
2.4
Serial Clock (SCL)
The SCL pin is used to provide a clock to the device and to control the flow of data to and from the
device. Command and input data present on the SDA pin is always latched in on the rising edge of SCL,
while output data on the SDA pin is clocked out on the falling edge of SCL. The SCL pin must either be
forced high when the serial bus is idle or pulled high using an external pull-up resistor.
2.5
Write-Protect (WP)
The write-protect input, when connected to GND, allows normal write operations. When the WP pin is
connected directly to VCC, all write operations to the protected memory are inhibited.
If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to capacitive
coupling that may appear in customer applications, Microchip recommends always connecting the WP
pin to a known state. When using a pull‑up resistor, Microchip recommends using 10 kΩ or less.
Table 2-2. Write-Protect
WP Pin Status
Part of the Array Protected
At VCC
Full Array
At GND
Normal Write Operations
2.6
Device Power Supply
The VCC pin is used to supply the source voltage to the device. Operations at invalid VCC voltages may
produce spurious results and should not be attempted.
AT24C01C/AT24C02C
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com