Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C02C Datasheet(PDF) 9 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 9 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 5Page - Microchip Technology AT24C02C Datasheet HTML 6Page - Microchip Technology AT24C02C Datasheet HTML 7Page - Microchip Technology AT24C02C Datasheet HTML 8Page - Microchip Technology AT24C02C Datasheet HTML 9Page - Microchip Technology AT24C02C Datasheet HTML 10Page - Microchip Technology AT24C02C Datasheet HTML 11Page - Microchip Technology AT24C02C Datasheet HTML 12Page - Microchip Technology AT24C02C Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
4.
Electrical Characteristics
4.1
Absolute Maximum Ratings
Temperature under bias
-55°C to +125°C
Storage temperature
-65°C to +150°C
VCC
6.25V
Voltage on any pin with respect to ground
-1.0V to +7.0V
DC output current
5.0 mA
ESD protection
>4 kV
Note:  Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operation listings of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
4.2
DC and AC Operating Range
Table 4-1. DC and AC Operating Range
AT24C01C/AT24C02C
Operating Temperature (Case)
Industrial Temperature Range
-40°C to +85°C
VCC Power Supply
Low Voltage Grade
1.7V to 5.5V
4.3
DC Characteristics
Table 4-2. DC Characteristics
Parameter
Symbol
Minimum
Typical(1)
Maximum
Units
Test Conditions
Supply
Voltage
VCC
1.7
—
5.5
V
Supply
Current
ICC1
—
0.4
1.0
mA
VCC = 5.0V, Read at
400 kHz
Supply
Current
ICC2
—
2.0
3.0
mA
VCC = 5.0V, Write at
400 kHz
Standby
Current
ISB
—
—
1.0
μA
VCC = 1.7V, VIN = VCC or
GND
—
—
2.0
μA
VCC = 2.5V, VIN = VCC or
GND
—
—
6.0
μA
VCC = 5.5V, VIN = VCC or
GND
AT24C01C/AT24C02C
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com