Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103ZCT7XXX Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F103ZCT7XXX
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT7XXX Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F103ZCT7XXX Datasheet HTML 46Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 47Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 48Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 49Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 50Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 51Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 52Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 53Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 143 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
50/143
DS5792 Rev 13
Table 17. Typical and maximum current consumptions in Stop and Standby modes
Symbol
Parameter
Conditions
Typ(1)
Max
Unit
VDD/VBAT
= 2.0 V
VDD/VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode, low-
speed and high-speed internal
RC oscillators and high-speed
oscillator OFF (no independent
watchdog)
-
34.5
35
379
1130
µA
Regulator in low-power mode,
low-speed and high-speed
internal RC oscillators and high-
speed oscillator OFF (no
independent watchdog)
-
24.5
25
365
1110
Supply
current in
Standby
mode
Low-speed internal RC oscillator
and independent watchdog ON
-3
3.8
-
-
Low-speed internal RC oscillator
ON, independent watchdog OFF
-2.8
3.6
-
-
Low-speed internal RC oscillator
and independent watchdog OFF,
low-speed oscillator and RTC
OFF
-1.9
2.1
5(2)
6.5(2)
IDD_VBAT
Backup
domain
supply
current
Low-speed oscillator and RTC
ON
1.05
1.1
1.4
2(2)
2.3(2)
1. Typical values are measured at TA = 25 °C.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com