Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103ZCT7XXX Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F103ZCT7XXX
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT7XXX Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F103ZCT7XXX Datasheet HTML 52Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 53Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 54Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 55Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 56Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 57Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 58Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 59Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 143 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
56/143
DS5792 Rev 13
APB1 (up to 36 MHz)
APB1-Bridge
7,78
μA/MHz
TIM2
33,06
TIM3
31,94
TIM4
31,67
TIM5
31,94
TIM6
8,06
TIM7
8,06
SPI2/I2S2(2)
8,33
SPI3/I2S3(2)
8,33
USART2
12,22
USART3
12,22
UART4
12,22
UART5
12,22
I2C1
10,28
I2C2
10,00
USB
18,06
CAN1
18,33
DAC(3)
8,06
WWDG
3,89
PWR
1,11
BKP
1,11
IWDG
5,28
Table 20. Peripheral current consumption (continued)
Peripheral
Current
consumption
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com